Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2268 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM2268
Description  Ultra Low ON-Resistance Dual, SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2268 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM2268_15 Datasheet HTML 1Page - SG Micro Corp SGM2268_15 Datasheet HTML 2Page - SG Micro Corp SGM2268_15 Datasheet HTML 3Page - SG Micro Corp SGM2268_15 Datasheet HTML 4Page - SG Micro Corp SGM2268_15 Datasheet HTML 5Page - SG Micro Corp SGM2268_15 Datasheet HTML 6Page - SG Micro Corp SGM2268_15 Datasheet HTML 7Page - SG Micro Corp SGM2268_15 Datasheet HTML 8Page - SG Micro Corp SGM2268_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SGM2268
0.4Ω Ultra Low ON-Resistance,
Dual, SPDT Analog Switch
GENERAL DESCRIPTION
The SGM2268 is a dual single-pole/double-throw
(SPDT) analog switch that is designed to operate from
a single +1.8V to +4.2V power supply. Targeted
applications include battery powered equipment that
benefit from ultra low on-resistance (0.4Ω) and fast
switching speeds.
SGM2268 features guaranteed on-resistance matching
(0.04Ω TYP) between switches and guaranteed on-
resistance flatness over the signal range (0.08Ω TYP),
as well as high off-isolation and low crosstalk. This
ensures excellent linearity and low distortion when
switching audio signals.
The SGM2268 is a committed dual single-pole/double
-throw (SPDT) that consist of two normally open (NO)
and
two
normally
close
(NC)
switches.
This
configuration can be used as a dual 2-to-1 multiplexer.
SGM2268 is available in Green TQFN-1.8×1.4-10L
package.
APPLICATIONS
Portable Instrumentation
Battery-Operated Equipment
Computer Peripherals
Speaker and Earphone Switching
Medical Equipment
Audio and Video Switching
FEATURES
● Voltage Operation: +1.8V to +4.2V
● Ultra Low On-Resistance: 0.4Ω (TYP) at +4.2V
● On-Resistance Matching : 0.04Ω (TYP)
● On-Resistance Flatness: 0.08Ω (TYP)
● -3dB Bandwidth: 40MHz
● High Off-Isolation: -78dB at 100kHz
● Low Crosstalk: -103dB at 100kHz
● Rail-to-Rail Input and Output Operation
● TTL/CMOS Compatible
● Break-Before-Make Switching
● Extended Industrial Temperature Range:
-40
℃ to +85℃
● Available in Green TQFN-1.8×1.4-10L Package
PIN CONFIGURATION (TOP VIEW)
IN2
V+
NC2
GND
COM1
NC1
NO2
COM2
NO1
IN1
TQFN-1.8×1.4-10L
6
7
8
9
1
2
5
3
10
FUNCTION TABLE
LOGIC
NO
NC
0
OFF
ON
1
ON
OFF
Switches Shown For Logic “0” Input.
REV. A. 4
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM2268_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2268YWQ10/T SGMICRO-SGM2268YWQ10/T Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
More results

Similar Description - SGM2268_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
logo
Will Semiconductor Ltd.
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
WAS4728Q WILLSEMI-WAS4728Q Datasheet
558Kb / 9P
   Low On Resistance Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4684 ONSEMI-NLAS4684 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com