Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2100 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM2100
Description  DC-DC Power Management Unit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2100 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM2100 Datasheet HTML 1Page - SG Micro Corp SGM2100 Datasheet HTML 2Page - SG Micro Corp SGM2100 Datasheet HTML 3Page - SG Micro Corp SGM2100 Datasheet HTML 4Page - SG Micro Corp SGM2100 Datasheet HTML 5Page - SG Micro Corp SGM2100 Datasheet HTML 6Page - SG Micro Corp SGM2100 Datasheet HTML 7Page - SG Micro Corp SGM2100 Datasheet HTML 8Page - SG Micro Corp SGM2100 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Seven-Channel, High Efficiency,
DC-DC Power Management Unit
3
SGM2100
SG Micro Corp
www.sg-micro.com
PIN DESCRIPTION
PIN
NAME
FUNCTION
5
FB1
AUX1 Controller Feedback Input. The feedback threshold is 0.8V. This pin is high impedance in
shutdown.
6
ON1
AUX1 Controller ON/OFF Input. Logic high = ON; however, turn-on is locked out until 1024 OSC
cycles after the step-up has reached regulation. This pin has an internal 475kΩ pull-down resistance to
GND.
7
PGSD
Power Ground. Connect all PGxx_ pins to GND with short wide traces as close to the IC as possible.
8
LXSD
Step-Down Converter Switching Node. Connect to the inductor of the step-down converter. LXSD is
high impedance in shutdown.
9
PVSD
Step-Down Converter Supply Input. Bypass to GND with a 1µF ceramic capacitor. The efficiency of
this channel is measured from this pin.
10
ONSD
Step-Down Converter ON/OFF Control Input. Logic high = ON; however, turn-on is locked out until
1024 OSC cycles after the step-up has reached regulation. This pin has an internal 475kΩ pull-down
resistance to GND.
11
FBSD
Step-Down Converter Feedback Input. The feedback threshold is 0.8V. This pin is high impedance in
shutdown.
12
CCSD
Step-Down Converter Compensation Node. Connect a series resistor-capacitor from this pin to GND
to compensate the control loop of the converter. This pin is actively driven to GND in shutdown,
overload and thermal limit.
13
SUSD
Configures the Main Converter as a Step-Up or a Step-Down. This function must be hardwired.
On-the-fly changes are not allowed. With SUSD connected to PV, the main is configured as a step-up
and PVM is the converter’s output. With SUSD connected to GND, this channel is configured as a
Step-Down, PVM is the Power Source Input Pin of Main Converter.
14
CCM
Main Converter Compensation Node. Connect a series resistor-capacitor from this pin to GND to
compensate the control loop of the converter. This pin is actively driven to GND in shutdown, overload,
and thermal limit.
15
FBM
Main Converter Feedback Input. The feedback threshold is 0.8V. This pin is high impedance in
shutdown. The output voltage must not be set higher than the step-up output.
16
ONM
Main ON/OFF Input. Logic high = ON; however, turn-on is lock out until 1024 OSC cycles after the
step-up has reached regulation. This pin has an internal 475kΩ pull-down resistance to GND.
17
REF
Reference Output. Bypass REF to GND with a 0.1µF or greater capacitor. The maximum allowed REF
load is 200µA. REF is actively pulled to GND when the step-up is shutdown.
18
CCSU
Step-Up Converter Compensation Node. Connect a series resistor-capacitor from this pin to GND to
compensate the control loop of the converter. This pin is actively driven to GND in shutdown, overload,
and thermal limit.
19
FBSU
Step-Up Converter Feedback Input. The feedback threshold is 0.8V. This pin is high impedance in
shutdown.
20
ONSU
Step-Up Converter ON/OFF Input. Logic high = ON; however, turn-on is lock out until 1024 OSC
cycles after the step-up has reached regulation. This pin has an internal 475kΩ pull-down resistance to
GND.


Similar Part No. - SGM2100

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
More results

Similar Description - SGM2100

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2036 SGMICRO-SGM2036 Datasheet
407Kb / 19P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
logo
Shenzhen Guan Hua Wei Y...
WSP10N10 WIINSOK-WSP10N10 Datasheet
1Mb / 5P
   Power Management in DC/DC Converter.
logo
Toshiba Semiconductor
SSM6N55NU TOSHIBA-SSM6N55NU Datasheet
241Kb / 9P
   Power Management Switches DC-DC Converters
SSM3J14T TOSHIBA-SSM3J14T_07 Datasheet
204Kb / 6P
   Power Management Switch DC-DC Converters
SSM3K335R TOSHIBA-SSM3K335R Datasheet
235Kb / 9P
   Power Management Switches DC-DC Converters
SSM3K336R TOSHIBA-SSM3K336R Datasheet
225Kb / 9P
   Power Management Switches DC-DC Converters
SSM6K809R TOSHIBA-SSM6K809R Datasheet
285Kb / 9P
   Power Management Switches DC-DC Converters
SSM6K810R TOSHIBA-SSM6K810R Datasheet
264Kb / 8P
   Power Management Switches DC-DC Converters
SSM6L61NU TOSHIBA-SSM6L61NU Datasheet
431Kb / 12P
   Power Management Switches DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com