Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2032-0.9 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM2032-0.9
Description  RF Linear Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2032-0.9 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM2032-0.9 Datasheet HTML 1Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 2Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 3Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 4Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 5Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 6Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 7Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 8Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low Power, Low Dropout,
RF Linear Regulators
2
SGM2032
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
VOUT(V)
PIN-
PACKAGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SGM2032-0.9
0.9V
SOT-23-5
SGM2032-0.9YN5G/TR
S60XX
Tape and Reel, 3000
SGM2032-0.9
0.9V
SC70-5
SGM2032-0.9YC5G/TR
S61XX
Tape and Reel, 3000
SGM2032-1.3
1.3V
SC70-5
SGM2032-1.3YC5G/TR
YJ13
Tape and Reel, 3000
SGM2032-1.3
1.3V
SOT-23-5
SGM2032-1.3YN5G/TR
YJ13
Tape and Reel, 3000
SGM2032-2.1
2.1V
SC70-5
SGM2032-2.1YC5G/TR
YJ21
Tape and Reel, 3000
SGM2032-2.1
2.1V
SOT-23-5
SGM2032-2.1YN5G/TR
YJ21
Tape and Reel, 3000
SGM2032-2.7
2.7V
SC70-5
SGM2032-2.7YC5G/TR
YJ27
Tape and Reel, 3000
SGM2032-2.7
2.7V
SOT-23-5
SGM2032-2.7YN5G/TR
YJ27
Tape and Reel, 3000
SGM2032-2.9
2.9V
SC70-5
SGM2032-2.9YC5G/TR
YJ29
Tape and Reel, 3000
SGM2032-2.9
2.9V
SOT-23-5
SGM2032-2.9YN5G/TR
YJ29
Tape and Reel, 3000
SGM2032-3.1
3.1V
SC70-5
SGM2032-3.1YC5G/TR
YJ31
Tape and Reel, 3000
SGM2032-3.1
3.1V
SOT-23-5
SGM2032-3.1YN5G/TR
YJ31
Tape and Reel, 3000
SGM2032-3.2
3.2V
SC70-5
SGM2032-3.2YC5G/TR
YJ32
Tape and Reel, 3000
SGM2032-3.2
3.2V
SOT-23-5
SGM2032-3.2YN5G/TR
YJ32
Tape and Reel, 3000
SGM2032-3.6
3.6V
SC70-5
SGM2032-3.6YC5G/TR
YJ36
Tape and Reel, 3000
SGM2032-3.6
3.6V
SOT-23-5
SGM2032-3.6YN5G/TR
YJ36
Tape and Reel, 3000
SGM2032-4.2
4.2V
SC70-5
SGM2032-4.2YC5G/TR
YJ42
Tape and Reel, 3000
SGM2032-4.2
4.2V
SOT-23-5
SGM2032-4.2YN5G/TR
YJ42
Tape and Reel, 3000
SGM2032-5.0
5.0V
SC70-5
SGM2032-5.0YC5G/TR
YJ50
Tape and Reel, 3000
SGM2032-5.0
5.0V
SOT-23-5
SGM2032-5.0YN5G/TR
YJ50
Tape and Reel, 3000
SGM2032-ADJ
adjustable
SOT-23-5
SGM2032-ADJYN5G/TR
S5EXX
Tape and Reel, 3000
SGM2032-ADJ
adjustable
SC70-5
SGM2032-ADJYC5G/TR
S5FXX
Tape and Reel, 3000
ORDER NUMBER
SGM2032 - X X X G / TR
Operating Temperature Range
Output Voltages
Package Type
Green Product
Tape and Reel
C5
SC70-5
N5
SOT-23-5
Y
-40
℃ to +85℃
0.9
0.9V
1.3
1.3V
.
.
.
.
.
.
3.6
3.6V
4.2
4.2V
5.0
5.0V
ADJ
adjustable


Similar Part No. - SGM2032-0.9

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.2 SGMICRO-SGM2031-1.2 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.5 SGMICRO-SGM2031-1.5 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.8 SGMICRO-SGM2031-1.8 Datasheet
291Kb / 12P
   RF- Linear Regulators
More results

Similar Description - SGM2032-0.9

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com