Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2032-0.9 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM2032-0.9
Description  RF Linear Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2032-0.9 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM2032-0.9 Datasheet HTML 3Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 4Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 5Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 6Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 7Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 8Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 9Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 10Page - SG Micro Corp SGM2032-0.9 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Low Power, Low Dropout,
RF Linear Regulators
7
SGM2032
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VOUT (NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1μF, COUT = 1μF, CBP = 0.01μF, TA = +25
℃, unless otherwise noted.
Power Supply Rejection Ratio vs. Frequency
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Frequency (kHz)
CBP = 0.1μF
ILOAD = 50mA
VIN = VOUT + 1V
VOUT = 2.7V
COUT = 1μF
COUT = 10μF
Output Voltage Accuracy vs. Temperature
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-40
-15
10
35
60
85
Temperature (
℃)
SGM2032-3.2YN5G
Current Limit vs. Temperature
200
300
400
500
600
700
800
-40
-15
10
35
60
85
Temperature (
℃)
SGM2032-3.2YN5G
Ground Pin Current vs. Temperature
70
85
100
115
130
145
160
-40
-15
10
35
60
85
Temperature (
℃)
No Load
SGM2032-3.2YC5G
Output Voltage vs. Load Current
3.1
3.15
3.2
3.25
3.3
0
50
100
150
200
250
300
Load Current (mA)
SGM2032-3.2YN5G
Ground Pin Current vs. Load Current
80
120
160
200
240
0
50
100
150
200
250
300
Load Current (mA)
SGM2032-3.2YN5G


Similar Part No. - SGM2032-0.9

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.2 SGMICRO-SGM2031-1.2 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.5 SGMICRO-SGM2031-1.5 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.8 SGMICRO-SGM2031-1.8 Datasheet
291Kb / 12P
   RF- Linear Regulators
More results

Similar Description - SGM2032-0.9

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com