Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGM2027 Datasheet(PDF) 7 Page - SG Micro Corp

Part No. SGM2027
Description  Dual Low Dropout, 250mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2027 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM2027 Datasheet HTML 3Page - SG Micro Corp SGM2027 Datasheet HTML 4Page - SG Micro Corp SGM2027 Datasheet HTML 5Page - SG Micro Corp SGM2027 Datasheet HTML 6Page - SG Micro Corp SGM2027 Datasheet HTML 7Page - SG Micro Corp SGM2027 Datasheet HTML 8Page - SG Micro Corp SGM2027 Datasheet HTML 9Page - SG Micro Corp SGM2027 Datasheet HTML 10Page - SG Micro Corp SGM2027 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Dual, Low Dropout,
250mA LDO Regulator
7
SGM2027
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VOUT (NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1μF, COUT = 1μF, TA = +25
℃, unless otherwise noted.
Power-Supply Rejection Ratio
vs. Frequency
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
Frequency (kHz)
COUT = 10μF
VOUT = 2.8V
ILOAD = 50mA
VIN = VOUT+1V
COUT = 1μF


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn