Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGM2027 Datasheet(PDF) 6 Page - SG Micro Corp

Part No. SGM2027
Description  Dual Low Dropout, 250mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2027 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM2027 Datasheet HTML 2Page - SG Micro Corp SGM2027 Datasheet HTML 3Page - SG Micro Corp SGM2027 Datasheet HTML 4Page - SG Micro Corp SGM2027 Datasheet HTML 5Page - SG Micro Corp SGM2027 Datasheet HTML 6Page - SG Micro Corp SGM2027 Datasheet HTML 7Page - SG Micro Corp SGM2027 Datasheet HTML 8Page - SG Micro Corp SGM2027 Datasheet HTML 9Page - SG Micro Corp SGM2027 Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Dual, Low Dropout,
250mA LDO Regulator
6
SGM2027
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VOUT (NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1μF, COUT = 1μF, TA = +25
℃, unless otherwise noted.
Output Voltage Accuracy vs. Temperature
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-40
-15
10
35
60
85
Temperature (
℃)
Output Voltage vs. Input Voltage
0
1
2
3
4
5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Input Voltage (V)
No Load
VOUT = 1.8V
VOUT = 2.8V
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
0
50
100
150
200
250
Load Current (mA)
VOUT = 2.8V
TA = -40℃
TA = +25℃
TA = +85℃
Ground Pin Current vs. Temperature
140
155
170
185
200
215
230
-40
-15
10
35
60
85
Temperature (
℃)
No Load
SGM2027-Y
Ground Pin Current vs. Input Voltage
0
40
80
120
160
200
240
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Input Voltage (V)
No Load
Ground Pin Current vs. Load Current
100
150
200
250
300
350
400
0
50
100
150
200
250
Load Current (mA)
Both Output Loaded
SGM2027-Y


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn