Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM800-2.93YN5G Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM800-2.93YN5G
Description  Capacitor-Adjustable Reset Timeout Delay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM800-2.93YN5G Datasheet(HTML) 5 Page - SG Micro Corp

  SGM800-2.93YN5G Datasheet HTML 1Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 2Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 3Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 4Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 5Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 6Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 7Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 8Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Low-Power, SOT µP Reset Circuit with
SGM800
Capacitor-Adjustable Reset Timeout Delay
5
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 5V, CSRT = 1500pF, TA = +25
℃, unless otherwise noted.
Supply Current vs. Supply Voltage
0
1
2
3
4
5
01
2
3
4
5
6
Supply Voltage (V)
-40
+25
+85
VTH = 1.63V
Reset Timeout Period vs. Temperature
300
340
380
420
460
500
-50
-25
0
25
50
75
100
Temperature (
℃)
CSRT = 0
Normalized Reset Threshold vs. Temperature
0.994
0.996
0.998
1.000
1.002
1.004
1.006
-50
-25
0
25
50
75
100
Temperature (
℃)
Reset Timeout Period vs. CSRT
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
CSRT (nF)
Reset Timeout Period vs. Temperature
4.0
4.2
4.4
4.6
4.8
5.0
-50
-25
0
25
50
75
100
Temperature (
℃)
CSRT = 1500pF
Maximum Transient Duration vs. Reset
Threshold Overdrive
0
10
20
30
40
50
60
0
200
400
600
800
1000
Reset Threshold Overdrive (mV)
VTH = 2.93V


Similar Part No. - SGM800-2.93YN5G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM800-2.93YN5G/TR SGMICRO-SGM800-2.93YN5G/TR Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results

Similar Description - SGM800-2.93YN5G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com