Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6168SA25D Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT6168SA25D
Description  CMOS STATIC RAM 16K (4K x 4-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6168SA25D Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT6168SA25D Datasheet HTML 1Page - Integrated Device Technology IDT6168SA25D Datasheet HTML 2Page - Integrated Device Technology IDT6168SA25D Datasheet HTML 3Page - Integrated Device Technology IDT6168SA25D Datasheet HTML 4Page - Integrated Device Technology IDT6168SA25D Datasheet HTML 5Page - Integrated Device Technology IDT6168SA25D Datasheet HTML 6Page - Integrated Device Technology IDT6168SA25D Datasheet HTML 7Page - Integrated Device Technology IDT6168SA25D Datasheet HTML 8Page - Integrated Device Technology IDT6168SA25D Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
IDT6168SA/LA
CMOS Static RAM 16K (4K x 4-Bit)
Military, Industrial, and Co mmercial Temperature Ranges
Pin Configurations
Absolute Maximum Ratings(1)
Recommended DC Operating
Conditions
Recommended Operating
Temperature and Supply Voltage
Truth Table(1)
DIP/LCC
Top View
Capacitance (TA = +25°C, f = 1.0MHz)
Pin Descriptions
3090 drw 02
5
6
7
8
9
10
A0
1
2
3
4
20
P20-1
D20-1
L20-1
A1
A2
A3
A4
A5
A6
VCC
CS
A11
A10
WE
GND
A9
A8
19
18
17
16
15
14
13
12
11
I/O3
A7
I/O2
I/O1
I/O0
,
Name
Description
A0 - A11
Address Inputs
CS
Chip Select
WE
Write Enable
I/O0 - I/O3
Data Input/Output
VCC
Power
GND
Ground
3090 tbl 01
NOTE:
1. This parameter is determined by device characterization, but is not production
tested.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
7
pF
CI/O
I/O Capacitance
VOUT = 0V
7
pF
3090 tbl 02
NOTE:
1. H = VIH, L = VIL, X = Don't Care
Mode
CS
WE
Output
Power
Standby
H
X
High-Z
Standby
Read
L
H
DOUT
Active
Write
L
L
DIN
Active
3090 tbl 03
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect reliability.
Symbol
Rating
Com'l.
Mil.
Unit
VTERM
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
TA
Operating
Temperature
0 to +70
-55 to +125
oC
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
oC
TSTG
Storage Temperature
-55 to +125
-65 to +150
oC
PT
Power Dissipation
1.0
1.0
W
IOUT
DC Output Current
50
50
mA
3090 tbl 04
NOTE:
1. VIL (min.) = –3.0V for pulse width less than 20ns, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0
V
VIL
Input Low Voltage
-0.5
(1)
____
0.8
V
3090 tbl 05
Grade
Temperature
GND
Vcc
Military
-55OC to +125OC0V
5V ± 10%
Industrial
-45OC to +85OC0V
5V ± 10%
Commercial
0OC to +70OC0V
5V ± 10%
3090 tbl 06


Similar Part No. - IDT6168SA25D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167 IDT-IDT6167 Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA IDT-IDT6167LA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100D IDT-IDT6167LA100D Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100DB IDT-IDT6167LA100DB Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100P IDT-IDT6167LA100P Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results

Similar Description - IDT6168SA25D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6178S IDT-IDT6178S Datasheet
72Kb / 7P
   CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com