Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6167LA20D Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT6167LA20D
Description  CMOS STATIC RAM 16K (16K x 1-BIT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6167LA20D Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT6167LA20D Datasheet HTML 1Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 2Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 3Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 4Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 5Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 6Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 7Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5.2
3
IDT6167SA/LA
CMOS STATIC RAM 16K (16K x 1-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS
(1)
(VCC = 5.0V
± 10%, VLC = 0.2V, VHC = VCC – 0.2V)
6167SA/LA15
6167SA/LA20
6167SA/LA25
Symbol
Parameter
Power Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Unit
ICC1
Operating Power Supply Current
SA
90
90
90
90
90
90
mA
CS ≤ VIL, Outputs Open,
VCC = Max., f = 0
(3)
LA
55
60
55
60
55
60
ICC2
Dynamic Operating Current
SA
120
130
100
110
100
100
mA
CS ≤ VIL, Outputs Open,
VCC = Max., f = fMAX
(3)
LA
100
110
80
85
70
75
ISB
Standby Power Supply Current
SA
50
50
35
35
35
35
mA
(TTL Level)
CS ≥ VIH, Outputs Open,
LA
35
35
30
30
25
25
VCC = Max., f = fMAX
(3)
ISB1
Full Standby Power Supply Current
SA
5
10
5
10
5
10
mA
(CMOS Level)
CS ≥ VHC, VCC = Max.
LA
0.9
2
0.05
2
0.05
0.9
VIN
≥ VHC or VIN ≤ VLC, f = 0(3)
DC ELECTRICAL CHARACTERISTICS
(1) (CONTINUED)
(VCC = 5.0V
± 10%, VLC = 0.2V, VHC = VCC – 0.2V)
6167SA/LA35 6167SA/LA45
(2) 6167SA/LA55(2) 6167SA/LA70(2)
Symbol
Parameter
Power
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Unit
ICC1
Operating Power Supply Current
SA
90
90
90
90
90
mA
CS ≤ VIL, Outputs Open,
VCC = Max., f = 0
(3)
LA
55
60
60
60
60
ICC2
Dynamic Operating Current
SA
100
100
100
100
100
mA
CS ≤ VIL, Outputs Open,
VCC = Max., f = fMAX
(3)
LA
65
70
65
60
60
ISB
Standby Power Supply Current
SA
35
35
35
35
35
mA
(TTL Level)
CS ≥ VIH, Outputs Open,
LA
20
20
20
20
15
VCC = Max., f = fMAX
(3)
ISB1
Full Standby Power Supply Current
SA
5
10
10
10
10
mA
(CMOS Level)
CS ≥ VHC, VCC = Max.
LA
0.05
0.9
0.9
0.9
0.9
VIN
≥ VHC or VIN ≤ VLC, f = 0(3)
NOTES:
2981 tbl 07
1. All values are maximum guaranteed values.
2. –55
°C to +125°C temperature range only. Also available; 85ns and 100ns Military devices.
3. fMAX = 1/tRC, only address inputs cycling at fMAX. f = 0 means no Address inputs change.


Similar Part No. - IDT6167LA20D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6168 IDT-IDT6168 Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA IDT-IDT6168LA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15D IDT-IDT6168LA15D Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15D IDT-IDT6168LA15D Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15DB IDT-IDT6168LA15DB Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
More results

Similar Description - IDT6167LA20D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
   16K x 1 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Sharp Corporation
LH5116NA-10 SHARP-LH5116NA-10 Datasheet
343Kb / 14P
   16K CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com