Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM811 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM811
Description  Microprocessor Supervisory with Manual Reset Input
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM811 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM811_15 Datasheet HTML 1Page - SG Micro Corp SGM811_15 Datasheet HTML 2Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 2 page
background image
Microprocessor Supervisory
with Manual Reset Input
5
SGM811/812
SG Micro Corp
www.sg-micro.com
ABSOLUTE MAXIMUM RATINGS
(Typical values are at TA = +25°C, unless otherwise noted.)
Terminal Voltage (With Respect to Ground)
VCC.............................................................................-0.3V to 6V
All Other Inputs.............................................-0.3V to VCC + 0.3V
Input Current
VCC, MR .............................................................................20mA
Output Current
RESET, RESET .................................................................20mA
Power Dissipation, PD @ TA = +25
SOT-23-5.............................................................................0.4W
SOT-143........................................................................... 0.32W
Operating Temperature Range.........................-40
℃ to +125℃
Junction Temperature.......................................................150
Storage Temperature........................................-65
℃ to +150℃
Lead Temperature (Soldering, 10s)...................................260
ESD Susceptibility
HBM..................................................................................4000V
MM......................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause
damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
SGMICRO reserves the right to make any change in circuit design, specification or other related things if necessary without notice at
any time. Please contact SGMICRO sales office to get the latest datasheet.
PIN DESCRIPTION
PIN NUMBER
SGM811
SGM812
FUNCTION
NAME
SOT-143 SOT-23-5 SOT-143 SOT-23-5
GND
1
1
1
1
Ground
NC
2
2
No Connect.
RESET
2
3
Active Low Logic Output. RESET remains low while VCC is below
the reset threshold or when MR is low; RESET then remains low
for at least 150ms after VCC rises above the reset threshold.
RESET
2
3
Active High Logic Output. RESET remains high while VCC is
below the reset threshold or when MR is low; RESET then
remains high for 240ms (typical) after VCC rises above the reset
threshold.
MR
3
4
3
4
Manual Reset. This active low debounced input will ignore input
pulses of 100ns or less (typical) and is guaranteed to accept input
pulses of greater than 10μs. Leave floating when not used.
VCC
4
5
4
5
Power supply voltage that is monitored.


Similar Part No. - SGM811_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
More results

Similar Description - SGM811_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6467 MAXIM-MAX6467 Datasheet
265Kb / 9P
   Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset
Rev 0; 7/02
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com