Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM358 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM358
Description  Low-Cost, Microprocessor Supervisory Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM358 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM358_15 Datasheet HTML 1Page - SG Micro Corp SGM358_15 Datasheet HTML 2Page - SG Micro Corp SGM358_15 Datasheet HTML 3Page - SG Micro Corp SGM358_15 Datasheet HTML 4Page - SG Micro Corp SGM358_15 Datasheet HTML 5Page - SG Micro Corp SGM358_15 Datasheet HTML 6Page - SG Micro Corp SGM358_15 Datasheet HTML 7Page - SG Micro Corp SGM358_15 Datasheet HTML 8Page - SG Micro Corp SGM358_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1MHz, 60μA, Rail-to-Rail I/O
SGM321/SGM358/SGM324
CMOS Operational Amplifiers
5
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VS = +5V, and RL = 100kΩ connected to VS/2, unless otherwise noted.
CMRR and PSRR vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000 10000
Frequency (kHz)
CMRR
PSRR
Output Voltage vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
102030405060
Output Current (mA)
-55
25
135
-55
25
135
VS = 3V
Sourcing Current
Sinking Current
Supply Current vs. Temperature
50
55
60
65
70
75
80
-50
-25
0
25
50
75
100 125 150
Temperature (
℃)
Input Voltage Noise Spectral Density
vs. Frequency
10
100
1000
0.01
0.1
1
10
100
Frequency (kHz)
Output Voltage vs. Output Current
0
1
2
3
4
5
6
0
20
40
60
80
100 120 140 160
Output Current (mA)
Sourcing Current
Sinking Current
VS = 5V
-55℃
-55℃
25℃
25℃
135℃
135℃
Open-Loop Gain vs. Temperature
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100 125 150
Temperature (
℃)
RL = 100kΩ
RL = 5kΩ


Similar Part No. - SGM358_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM358YMS SGMICRO-SGM358YMS Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM358YMS/TR SGMICRO-SGM358YMS/TR Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM358YMS/TR SGMICRO-SGM358YMS/TR Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
SGM358YP SGMICRO-SGM358YP Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM358YP SGMICRO-SGM358YP Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM358_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM706 SGMICRO-SGM706 Datasheet
331Kb / 12P
   Low-Cost, Microprocessor Supervisory Circuit
SGM708 SGMICRO-SGM708_18 Datasheet
1Mb / 13P
   Low-Cost, Microprocessor Supervisory Circuit
SGM706 SGMICRO-SGM706_18 Datasheet
1,016Kb / 13P
   Low-Cost, Microprocessor Supervisory Circuit
SGM708 SGMICRO-SGM708 Datasheet
349Kb / 12P
   Low-Cost, Microprocessor Supervisory Circuit
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705 AD-ADM705_V01 Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM706AR-REEL AD-ADM706AR-REEL Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com