Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7015S35J Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7015S35J
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015S35J Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7015S35J Datasheet HTML 1Page - Integrated Device Technology IDT7015S35J Datasheet HTML 2Page - Integrated Device Technology IDT7015S35J Datasheet HTML 3Page - Integrated Device Technology IDT7015S35J Datasheet HTML 4Page - Integrated Device Technology IDT7015S35J Datasheet HTML 5Page - Integrated Device Technology IDT7015S35J Datasheet HTML 6Page - Integrated Device Technology IDT7015S35J Datasheet HTML 7Page - Integrated Device Technology IDT7015S35J Datasheet HTML 8Page - Integrated Device Technology IDT7015S35J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IDT7015S/L
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.12
5
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1) (VCC = 5.0V
± 10%)
7015X12
7015X15
7015X17
Test
Com'l. Only
Com'l. Only
Com'l. Only
Symbol
Parameter
Condition
Version
Typ.
(2)
Max.
Typ.
(2)
Max.
Typ.
(2) Max. Unit
ICC
Dynamic Operating
CE = VIL, Outputs Open
MIL.
S
mA
Current
SEM = VIH
L—
(Both Ports Active)
f = fMAX
(3)
COM’L.
S
170
325
170
310
170
310
L
170
275
170
260
170
260
ISB1
Standby Current
CER = CEL = VIH
MIL.
S
mA
(Both Ports — TTL
SEMR = SEML = VIH
L—
Level Inputs)
f = fMAX
(3)
COM’L.
S
25
70
25
60
25
60
L25
60
25
50
25
50
ISB2
Standby Current
CE"A"=VIL and CE"B" = VIH(5) MIL.
S
mA
(One Port — TTL
Active Port Outputs Open
L
Level Inputs)
f = fMAX
(3)
COM’L.
S
105
200
105
190
105
190
SEMR = SEML = VIH
L
105
170
105
160
109
160
ISB3
Full Standby Current
Both Ports
CEL and
MIL.
S
mA
(Both Ports — All
CER > VCC - 0.2V
L
CMOS Level Inputs)
VIN > VCC - 0.2V or
COM’L.
S
1.0
15
1.0
15
1.0
15
VIN < 0.2V, f = 0
(4)
L
0.2
5
0.2
5
0.2
5
SEMR = SEML > VCC - 0.2V
ISB4
Full Standby Current
CE"A"< 0.2V and
MIL.
S
mA
(One Port — All
CE"B" > VCC - 0.2V
(5)
L—
CMOS Level Inputs)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or
COM’L.
S
100
180
100
170
100
170
mA
VIN < 0.2V
L
100
150
100
140
100
140
Active Port Outputs Open,
f = fMAX
(3)
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 5.0V
± 10%)
7015S
7015L
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage Current
(1)
VCC = 5.5V, VIN = 0V to VCC
—10
5
µA
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
—10
5
µA
VOL
Output Low Voltage
IOL = 4mA
0.4
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
2.4
V
NOTES:
2954 tbl 09
1. "X" in part numbers indicates power rating (S or L).
2. VCC = 5V, TA = +25
°C, and are not production tested. ICCDC = 120mA(typ.)
3. At f = fMAX
, address and I/O'S are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite of port "A".
NOTE:
2954 tbl 08
1. At Vcc < 2.0V, Input leakages are undefined.


Similar Part No. - IDT7015S35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S35J IDT-IDT7015S35J Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S35JB IDT-IDT7015S35JB Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S35JI IDT-IDT7015S35JI Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015S35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com