Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICT49FCT3805AQI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICT49FCT3805AQI
Description  3.3V CMOS BUFFER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICT49FCT3805AQI Datasheet(HTML) 3 Page - Integrated Device Technology

  ICT49FCT3805AQI Datasheet HTML 1Page - Integrated Device Technology ICT49FCT3805AQI Datasheet HTML 2Page - Integrated Device Technology ICT49FCT3805AQI Datasheet HTML 3Page - Integrated Device Technology ICT49FCT3805AQI Datasheet HTML 4Page - Integrated Device Technology ICT49FCT3805AQI Datasheet HTML 5Page - Integrated Device Technology ICT49FCT3805AQI Datasheet HTML 6Page - Integrated Device Technology ICT49FCT3805AQI Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IDT49FCT3805/A
3.3VCMOSBUFFER/CLOCKDRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified
Commercial: TA = 0°C to +70°C, Industrial: TA = -40°C to +85°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
TestConditions(1)
Min.
Typ.
Max.
Unit
VIH
Input HIGH Level (Input pins)
Guaranteed Logic HIGH Level
2
5.5
V
Input HIGH Level (I/O pins)
2
VCC + 0.5
VIL
Input LOW Level (Input and I/O pins)
GuaranteedLogicLOWLevel
–0.5
0.8
V
IIH
Input HIGH Current (Input pins)
VCC = Max.
VI = 5.5V
±1
Input HIGH Current (I/O pins)
VI = VCC
——
±1µA
IIL
InputLOWCurrent(Inputpins)
VCC = Max.
VI = GND
±1
Input LOW Current (I/O pins)
VI = GND
±1
IOZH
HighImpedenceOutputCurrent
VCC = Max.
VO = VCC
——
±1µA
IOZL
(3-StateOutputPins)
VO = GND
±1
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
–36
–60
–110
mA
IODL
OutputLOWCurrent
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
50
90
200
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –0.1mA
VCC–0.2
VIN = VIH or VIL
IOH = –8mA
2.4(5)
3—
V
VOL
OutputLOWVoltage
VCC = Min.
IOL = 0.1mA
0.2
VIN = VIH or VIL
IOL = 16mA
0.2
0.4
V
IOL = 24mA
0.3
0.5
IOFF
InputPowerOffLeakage
VCC = 0V, VIN = 4.5V
±1µA
IOS
ShortCircuitCurrent(4)
VCC = Max., VO = GND(3)
–60
–135
–240
mA
VH
InputHysteresis
150
mV
ICCL
Quiescent Power Supply Current
VCC = Max.
0.1
10
µA
ICCH
VIN = GND or VCC
ICCZ
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = Vcc - 0.6V at rated current.


Similar Part No. - ICT49FCT3805AQI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ICT-10 MICROSEMI-ICT-10 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICT-10C MICROSEMI-ICT-10C Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICT-12 MICROSEMI-ICT-12 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICT-12C MICROSEMI-ICT-12C Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICT-15 MICROSEMI-ICT-15 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - ICT49FCT3805AQI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
QS532805 IDT-QS532805 Datasheet
97Kb / 6P
   GUARANTEED LOW SKEW 3.3V CMOS CLOCK DRIVER/BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com