Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7026S Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7026S
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7026S Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7026S Datasheet HTML 5Page - Integrated Device Technology IDT7026S Datasheet HTML 6Page - Integrated Device Technology IDT7026S Datasheet HTML 7Page - Integrated Device Technology IDT7026S Datasheet HTML 8Page - Integrated Device Technology IDT7026S Datasheet HTML 9Page - Integrated Device Technology IDT7026S Datasheet HTML 10Page - Integrated Device Technology IDT7026S Datasheet HTML 11Page - Integrated Device Technology IDT7026S Datasheet HTML 12Page - Integrated Device Technology IDT7026S Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
IDT7026S/L
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.17
9
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE (5)
IDT7026X20
IDT7026X25
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
20
25
ns
tEW
Chip Enable to End-of-Write
(3)
15
20
ns
tAW
Address Valid to End-of-Write
15
20
ns
tAS
Address Set-up Time
(3)
0—
0—
ns
tWP
Write Pulse Width
15
20
ns
tWR
Write Recovery Time
0
0
ns
tDW
Data Valid to End-of-Write
15
15
ns
tHZ
Output High-Z Time
(1, 2)
—12—15
ns
tDH
Data Hold Time
(4)
0—
0—
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
—12—15
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
0—
0—
ns
tSWRD
SEM Flag Write to Read Time
5
5
ns
tSPS
SEM Flag Contention Window
5
5
ns
IDT7026X35
IDT7026X55
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
35
55
ns
tEW
Chip Enable to End-of-Write
(3)
30
45
ns
tAW
Address Valid to End-of-Write
30
45
ns
tAS
Address Set-up Time
(3)
0—
0—
ns
tWP
Write Pulse Width
25
40
ns
tWR
Write Recovery Time
0
0
ns
tDW
Data Valid to End-of-Write
15
30
ns
tHZ
Output High-Z Time
(1, 2)
—15—25
ns
tDH
Data Hold Time
(4)
0—
0—
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
—15—25
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
0—
0—
ns
tSWRD
SEM Flag Write to Read Time
5
5
ns
tSPS
SEM Flag Contention Window
5
5
ns
NOTES:
2939 tbl 13
1. Transition is measured
±200mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary
over voltage and temperature, the actual tDH will always be smaller than the actual tOW.
5. "X" in part numbers indicates power rating (S or L).


Similar Part No. - IDT7026S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7026S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com