Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT7015S Datasheet(PDF) 17 Page - Integrated Device Technology

Part No. IDT7015S
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015S Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button IDT7015S Datasheet HTML 12Page - Integrated Device Technology IDT7015S Datasheet HTML 13Page - Integrated Device Technology IDT7015S Datasheet HTML 14Page - Integrated Device Technology IDT7015S Datasheet HTML 15Page - Integrated Device Technology IDT7015S Datasheet HTML 16Page - Integrated Device Technology IDT7015S Datasheet HTML 17Page - Integrated Device Technology IDT7015S Datasheet HTML 18Page - Integrated Device Technology IDT7015S Datasheet HTML 19Page - Integrated Device Technology IDT7015S Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
IDT7015S/L
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.12
17
Figure 3. Busy and chip enable routing for both width and depth expansion with IDT7015 RAMs.
can be initiated with the R/
W signal. Failure to observe this
timing can result in a glitched internal write inhibit signal and
corrupted data in the slave.
SEMAPHORES
The IDT7015 are extremely fast Dual-Port 8Kx9 Static
RAMs with an additional 8 address locations dedicated to
binary semaphore flags. These flags allow either processor
on the left or right side of the Dual-Port RAM to claim a
privilege over the other processor for functions defined by the
system designer’s software. As an example, the semaphore
can be used by one processor to inhibit the other from
accessing a portion of the Dual-Port RAM or any other shared
resource.
The Dual-Port RAM features a fast access time, and both
ports are completely independent of each other. This means
that the activity on the left port in no way slows the access time
of the right port. Both ports are identical in function to standard
CMOS Static RAM and can be read from, or written to, at the
same time with the only possible conflict arising from the
simultaneous writing of, or a simultaneous READ/WRITE of,
a non-semaphore location. Semaphores are protected against
such ambiguous situations and may be used by the system
program to avoid any conflicts in the non-semaphore portion
of the Dual-Port RAM. These devices have an automatic
power-down feature controlled by
CE, the Dual-Port RAM
enable, and
SEM, the semaphore enable. The CE and SEM
pins control on-chip power down circuitry that permits the
respective port to go into standby mode when not selected.
This is the condition which is shown in Truth Table where
CE
and
SEM are both high.
Systems which can best use the IDT7015 contain multiple
processors or controllers and are typically very high-speed
systems which are software controlled or software intensive.
These systems can benefit from a performance increase
offered by the IDT7015's hardware semaphores, which pro-
vide a lockout mechanism without requiring complex pro-
gramming.
2954 drw 19
MASTER
Dual Port
RAM
BUSY (L) BUSY (R)
CE
MASTER
Dual Port
RAM
BUSY (L) BUSY (R)
CE
SLAVE
Dual Port
RAM
BUSY (L) BUSY (R)
CE
SLAVE
Dual Port
RAM
BUSY (L) BUSY (R)
CE
BUSY (L)
BUSY (R)
applications. In some cases it may be useful to logically OR
the busy outputs together and use any busy indication as an
interrupt source to flag the event of an illegal or illogical
operation. If the write inhibit function of busy logic is not
desirable, the busy logic can be disabled by placing the part
in slave mode with the M/
S pin. Once in slave mode the BUSY
pin operates solely as a write inhibit input pin. Normal opera-
tion can be programmed by tying the
BUSY pins high. If
desired, unintended write operations can be prevented to a
port by tying the busy pin for that port low.
The busy outputs on the IDT7015 RAM in master mode,
are push-pull type outputs and do not require pull up resistors
to operate. If these RAMs are being expanded in depth, then
the busy indication for the resulting array requires the use of
an external AND gate.
WIDTH EXPANSION WITH BUSY LOGIC
MASTER/SLAVE ARRAYS
When expanding an IDT7015 RAM array in width while
using busy logic, one master part is used to decide which side
of the RAM array will receive a busy indication, and to output
that indication. Any number of slaves to be addressed in the
same address range as the master, use the busy signal as a
write inhibit signal. Thus on the IDT7015 RAM the busy pin is
an output if the part is used as a master (M/
S pin = H), and the
busy pin is an input if the part used as a slave (M/
S pin = L) as
shown in Figure 3.
If two or more master parts were used when expanding in
width, a split decision could result with one master indicating
busy on one side of the array and another master indicating
busy on one other side of the array. This would inhibit the write
operations from one port for part of a word and inhibit the write
operations from the other port for the other part of the word.
The busy arbitration, on a master, is based on the chip
enable and address signals only.
It ignores whether an
access is a read or write.
In a master/slave array, both
address and chip enable must be valid long enough for a busy
flag to be output from the master before the actual write pulse


Similar Part No. - IDT7015S

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S12G IDT-IDT7015S12G Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S12GB IDT-IDT7015S12GB Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015S

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz