Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70121S Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70121S
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70121S Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70121S Datasheet HTML 4Page - Integrated Device Technology IDT70121S Datasheet HTML 5Page - Integrated Device Technology IDT70121S Datasheet HTML 6Page - Integrated Device Technology IDT70121S Datasheet HTML 7Page - Integrated Device Technology IDT70121S Datasheet HTML 8Page - Integrated Device Technology IDT70121S Datasheet HTML 9Page - Integrated Device Technology IDT70121S Datasheet HTML 10Page - Integrated Device Technology IDT70121S Datasheet HTML 11Page - Integrated Device Technology IDT70121S Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
6.10
9
IDT 70121/70125S/L
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
COMMERCIAL TEMPERATURE RANGE
TIMING WAVEFORM OF BUSY ARBITRATION CONTROLLED BY
CE
CE
CE
CE
CE TIMING(1)
tBDC
ADDR
L and R
BUSYL
CER
tAPS
tBAC
ADDRESSES MATCH
CEL
2654 drw 12
NOTES:
1. All timing is the same for left and right ports. Port 'A' may be either left or right port. Port 'B' is the opposite from port 'A'.
2. If tAPS is not satisified, the BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted (70121 only).
TIMING WAVEFORM OF BUSY ARBITRATION CONTROLLED BY ADDRESS (1)
tBAA
ADDR'A'
BUSY'B'
ADDRESSES MATCH
ADDRESSES DO NOT MATCH
tRC OR tWC
tAPS
tBDA
ADDR'B'
2654 drw 13
NOTES:
1. All timing is the same for left and right ports. Port 'A' may be either left or right port. Port 'B' is the opposite from port 'A'.
2. If
tAPS is not satisified, the
BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted (70121 only).
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1)
70121X25
70121X35
70121X45
70121X55
70125X25
70125X35
70125X45
70125X55
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Min. Max. Unit
Interrupt Timing
tAS
Address Set-up Time
0
0
0
0
ns
tWR
Write Recovery Time
0
0
0
0
ns
tINS
Interrupt Set Time
25
25
40
45
ns
tINR
Interrupt Reset Time
25
35
40
45
ns
NOTE:
2654 tbl 11
1. "X" in part numbers indicates power rating (S or L).


Similar Part No. - IDT70121S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT70121S25JG IDT-IDT70121S25JG Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S25JGI IDT-IDT70121S25JGI Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70121S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com