Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6168SA25P Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT6168SA25P
Description  CMOS STATIC RAM 16K (4K x 4-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6168SA25P Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT6168SA25P Datasheet HTML 1Page - Integrated Device Technology IDT6168SA25P Datasheet HTML 2Page - Integrated Device Technology IDT6168SA25P Datasheet HTML 3Page - Integrated Device Technology IDT6168SA25P Datasheet HTML 4Page - Integrated Device Technology IDT6168SA25P Datasheet HTML 5Page - Integrated Device Technology IDT6168SA25P Datasheet HTML 6Page - Integrated Device Technology IDT6168SA25P Datasheet HTML 7Page - Integrated Device Technology IDT6168SA25P Datasheet HTML 8Page - Integrated Device Technology IDT6168SA25P Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
IDT6168SA/LA
CMOS Static RAM 16K (4K x 4-Bit)
Military, Industrial, and Co mmercial Temperature Ranges
Ordering Information -- Commercial & Industrial
XX
Power
XXX
Speed
XX
Package
X
Process/
Temperature
Range
Blank
I
Commercial (0°C to +70°C)
Industrial (-45°C to +85°C)
P
300mil Plastic DIP (P20-1) (Commercial & Industrial only)
15*
20
25
Commercial Only
Commercial Only
Commercial &Industrial
SA
LA
Standard Power
Low Power
Device
Type
6168
IDT
Speed in nanoseconds
3090 drw 10
*Standard power only.
XX
Power
XXX
Speed
XX
Package
X
Process/
Temperature
Range
B
Military (-55°C to +125°C)
Compliant to MIL-STD-883, Class B
D
L
25
45
SA
LA
Standard Power
Low Power
Device
Type
6168
IDT
Speed in nanoseconds
3090 drw 10a
*Standard power only.
300mil Ceramic DIP (D20-1)
20-pin Leadless Chip Carrier (L20-1)
Ordering Information -- Military


Similar Part No. - IDT6168SA25P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167 IDT-IDT6167 Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA IDT-IDT6167LA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100D IDT-IDT6167LA100D Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100DB IDT-IDT6167LA100DB Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100P IDT-IDT6167LA100P Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results

Similar Description - IDT6168SA25P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6178S IDT-IDT6178S Datasheet
72Kb / 7P
   CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com