Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7007S Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7007S
Description  HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7007S Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7007S Datasheet HTML 1Page - Integrated Device Technology IDT7007S Datasheet HTML 2Page - Integrated Device Technology IDT7007S Datasheet HTML 3Page - Integrated Device Technology IDT7007S Datasheet HTML 4Page - Integrated Device Technology IDT7007S Datasheet HTML 5Page - Integrated Device Technology IDT7007S Datasheet HTML 6Page - Integrated Device Technology IDT7007S Datasheet HTML 7Page - Integrated Device Technology IDT7007S Datasheet HTML 8Page - Integrated Device Technology IDT7007S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
JUNE 1999
DSC 2940/8
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A14L
A0L
2940 drw 01
I/O0L- I/O7L
CEL
OEL
R/
WL
SEML
INTL
M/
S
BUSYR
I/O0R-I/O7R
A14R
A0R
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
R/
WR
CER
OER
R/
WR
15
15
HIGH-SPEED
32K x 8 DUAL-PORT
STATIC RAM
Features
x
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
x
High-speed access
– Military:25/35/55ns(max.)
– Industrial: 55ns (max.)
– Commercial:15/20/25/35/55ns(max.)
x
Low-power operation
– IDT7007S
Active: 850mW (typ.)
Standby: 5mW (typ.)
– IDT7007L
Active: 850mW (typ.)
Standby: 1mW (typ.)
x
IDT7007 easily expands data bus width to 16 bits or more
using the Master/Slave select when cascading more than
one device
x
M/S = H for BUSY output flag on Master,
M/S = L for BUSY input on Slave
x
Interrupt Flag
x
On-chip port arbitration logic
x
Full on-chip hardware support of semaphore signaling
between ports
x
Fully asynchronous operation from either port
x
TTL-compatible, single 5V (±10%) power supply
x
Available in 68-pin PGA and PLCC and a 80-pin TQFP
x
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
NOTES:
1. (MASTER): BUSY is output; (SLAVE): BUSY is input.
2. BUSY and INT outputs are non-tri-stated push-pull.
Functional Block Diagram
IDT7007S/L


Similar Part No. - IDT7007S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7007S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com