Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7006L Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7006L
Description  HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7006L Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7006L Datasheet HTML 3Page - Integrated Device Technology IDT7006L Datasheet HTML 4Page - Integrated Device Technology IDT7006L Datasheet HTML 5Page - Integrated Device Technology IDT7006L Datasheet HTML 6Page - Integrated Device Technology IDT7006L Datasheet HTML 7Page - Integrated Device Technology IDT7006L Datasheet HTML 8Page - Integrated Device Technology IDT7006L Datasheet HTML 9Page - Integrated Device Technology IDT7006L Datasheet HTML 10Page - Integrated Device Technology IDT7006L Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IDT7006S/L
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.07
7
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns Max.
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
Figures 1 and 2
2739 tbl 12
IDT7006X35
IDT7006X55
IDT7006X70
Mil. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
35
55
70
ns
tAA
Address Access Time
35
55
70
ns
tACE
Chip Enable Access Time
(3)
—35—55
—70
ns
tAOE
Output Enable Access Time
20
30
35
ns
tOH
Output Hold from Address Change
3
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3—
3—
3—
ns
tHZ
Output High-Z Time
(1, 2)
—15—25
—30
ns
tPU
Chip Enable to Power Up Time
(2)
0—
0—
0—
ns
tPD
Chip Disable to Power Down Time
(2)
—35—50
—50
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)
15—15
—15—
ns
tSAA
Semaphore Address Access Time
35
55
70
ns
NOTES:
2739 tbl 13
1. Transition is measured
±500mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. "X" in part numbers indicates power rating (S or L).
1250
30pF
775
DATAOUT
BUSY
INT
5V
5V
1250
5pF
775
DATAOUT
2739 drw 06
Figure 2. Output Load
(5pF for tLZ, tHZ, tWZ, tOW)
Including scope and jig.
Figure 1. AC Output Test Load
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(4)
IDT7006X15
IDT7006X17
IDT7006X20
IDT7006X25
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
15
17
20
25
ns
tAA
Address Access Time
15
17
20
25
ns
tACE
Chip Enable Access Time
(3)
15
17
20
25
ns
tAOE
Output Enable Access Time
10
10
12
13
ns
tOH
Output Hold from Address Change
3
3
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3
3
3
3
ns
tHZ
Output High-Z Time
(1, 2)
10
10
12
15
ns
tPU
Chip Enable to Power Up Time
(2)
0
0
0
0
ns
tPD
Chip Disable to Power Down Time
(2)
15
17
20
25
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)
10
10
10
10
ns
tSAA
Semaphore Address Access Time
15
17
20
25
ns


Similar Part No. - IDT7006L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006L IDT-IDT7006L Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7006L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com