Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6167SA25P Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT6167SA25P
Description  CMOS STATIC RAM 16K (16K x 1-BIT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6167SA25P Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT6167SA25P Datasheet HTML 1Page - Integrated Device Technology IDT6167SA25P Datasheet HTML 2Page - Integrated Device Technology IDT6167SA25P Datasheet HTML 3Page - Integrated Device Technology IDT6167SA25P Datasheet HTML 4Page - Integrated Device Technology IDT6167SA25P Datasheet HTML 5Page - Integrated Device Technology IDT6167SA25P Datasheet HTML 6Page - Integrated Device Technology IDT6167SA25P Datasheet HTML 7Page - Integrated Device Technology IDT6167SA25P Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5.2
2
IDT6167SA/LA
CMOS STATIC RAM 16K (16K x 1-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
DIP/SOJ
TOP VIEW
PIN DESCRIPTIONS
A0–A13
Address Inputs
CS
Chip Select
WE
Write Enable
VCC
Power
DIN
DATAIN
DOUT
DATAOUT
GND
Ground
2981 tbl 01
2981 drw 02
5
6
7
8
9
10
A0
1
2
3
4
20
P20-1,
D20-1,
&
S020-1
A1
A2
A3
A4
A5
A6
VCC
CS
A13
A12
DIN
WE
GND
A11
A10
DOUT
19
18
17
16
15
14
13
12
11
A9
A8
A7
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Grade
Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5V
± 10%
Commercial
0
°C to +70°C
0V
5V
± 10%
2981 tbl 06
TRUTH TABLE
(1)
Mode
CS
CS
WE
WE
Output
Power
Standby
H
X
High-Z
Standby
Read
L
H
DATAOUT
Active
Write
L
L
High-Z
Active
NOTE:
2981 tbl 02
1. H = VIH, L = VIL, X = Don't Care.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Max. Unit
CIN
Input Capacitance
VIN = 0V
7
pF
COUT
Output Capacitance
VOUT = 0V
7
pF
NOTE:
2981 tbl 04
1. This parameter is determined by device characterization, but is not
production tested.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
6.0
V
VIL
Input Low Voltage
–0.5
(1)
0.8
V
NOTE:
2981 tbl 05
1. VIL (min.) = –3.0V for pulse width less than 20ns, once per cycle.
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Com’l.
Mil.
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
PT
Power Dissipation
1.0
1.0
W
IOUT
DC Output
50
50
mA
Current
NOTE:
2981 tbl 03
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.


Similar Part No. - IDT6167SA25P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6168 IDT-IDT6168 Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA IDT-IDT6168LA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15D IDT-IDT6168LA15D Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15D IDT-IDT6168LA15D Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15DB IDT-IDT6168LA15DB Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
More results

Similar Description - IDT6167SA25P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
   16K x 1 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Sharp Corporation
LH5116NA-10 SHARP-LH5116NA-10 Datasheet
343Kb / 14P
   16K CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com