Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49C460BJ Datasheet(PDF) 22 Page - Integrated Device Technology

Part # IDT49C460BJ
Description  32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C460BJ Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button IDT49C460BJ Datasheet HTML 18Page - Integrated Device Technology IDT49C460BJ Datasheet HTML 19Page - Integrated Device Technology IDT49C460BJ Datasheet HTML 20Page - Integrated Device Technology IDT49C460BJ Datasheet HTML 21Page - Integrated Device Technology IDT49C460BJ Datasheet HTML 22Page - Integrated Device Technology IDT49C460BJ Datasheet HTML 23Page - Integrated Device Technology IDT49C460BJ Datasheet HTML 24Page - Integrated Device Technology IDT49C460BJ Datasheet HTML 25Page - Integrated Device Technology IDT49C460BJ Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
11.6
22
IDT49C460/A/B/C/D/E
32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT49C460C AC ELECTRICAL CHARACTERISTICS
(Guaranteed Military Range Performance) Temperature range: –55
°C to +125°C, VCC = 5.0V ± 10%
The inputs switch between 0V to 3V with signal measured at the 1.5V level.
PROPAGATION DELAYS
(1)
2584 tbl 40
SET-UP AND HOLD TIMES RELATIVE TO LATCH ENABLES
OUTPUT ENABLE/DISABLE TIMES
(5)
NOTES:
2584 tbl 43
1. CI = 50pF.
2. These parameters are combinational propagation delay calculations, and are not tested in production.
3. Data In or Correct Data Out measurement requires timing as shown in the Switching Waveforms.
4. Set-up and Hold times relative to Latch Enables (Latching Data).
5. Output tests specified with CI = 5pF and measured to 0.5V change of output level. Testing is performed at CI = 50pF and correlated to CI = 5F.
6. Not production tested, guaranteed by characterization.
Note: (19) above applies to correction path.
2584 tbl 41
Enable
Disable
From Input
Enable
Disable
To Output
Min.
Max.
Min.
Max.
Unit
OE Byte0–3
d
d
u
u
DATA0–31
0
12
0
14
ns
OESC
d
d
u
u
SC0–7
0
12
0
14
ns
MINIMUM PULSE WIDTHS
Min.
LEIN, LEOUT/
GENERATE, LEDIAG
ud
ud (Positive–going pulse)
6
ns
2584 tbl 42
(6)
To Output
From Input
SC0–7
DATA0–31
ERROR
ERROR
MULT ERROR
MULT ERROR
Unit
DATA0–31(3)
22
29(2)
21
24
ns
CB0–7 (CODE ID1,0 = 00, 11)
17
23
16
18
ns
CB0–7 (CODE ID1,0 = 10)
17
18
ns
LEOUT/
GENERATE
u
u
—13
d
d
10
d
d
12
ns
d
d
20
u
u
10
u
u
12
ns
CORRECT
Not Internal Control Mode
—17
ns
DIAG MODE
Not Internal Control Mode
18
29
12
23
ns
CODE ID1,0
21 (6)
26
20
24
ns
LEIN
From latched to Transparent
24
32
21
25
ns
LEDIAG
From latched to Transparent
u
u
18 (6)
27
17
21
ns
Internal
Control
LEDIAG
From latched to Transparent
u
u
19 (6)
25
18
21
ns
Mode
DATA0–31
Via Diagnostic Latch
u
u
18
29(2)
14
18
ns
From Input
To Input
(Latching Data)
Set-up Time
Min.
Hold Time
Min.
Unit
DATA0–31(4)
d
d
LEIN
34
ns
CB0–7(4)
d
d
LEIN
24
ns
DATA0–31(4, 6)
d
d
LEOUT/
GENERATE
7(19)
3ns
CB0–7 (CODE ID 00, 11)(4, 6)
d
d
LEOUT/
GENERATE
16
0
ns
CB0–7 (CODE ID 10)(4, 6)
d
d
LEOUT/
GENERATE
10
0
ns
CORRECT(4, 6)
u
u
d
d
LEOUT/
GENERATE
90
ns
DIAG MODE(4, 6)
d
d
LEOUT/
GENERATE
19
0
ns
CODE ID1,0(4, 6)
d
d
LEOUT/
GENERATE
12
0
ns
LEIN(4, 6)
u
u
d
d
LEOUT/
GENERATE
21
0
ns
DATA0–31(4, 6)
LEDIAG
33
ns


Similar Part No. - IDT49C460BJ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465A IDT-IDT49C465A Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AG IDT-IDT49C465AG Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AGB IDT-IDT49C465AGB Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465APQF IDT-IDT49C465APQF Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C460BJ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com