Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-9350VW-CXXCYYG_2015 Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPS-9350VW-CXXCYYG_2015
Description  3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9350VW-CXXCYYG_2015 Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPS-9350VW-CXXCYYG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-9350VW-CXXCYYG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-9350VW-CXXCYYG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-9350VW-CXXCYYG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-9350VW-CXXCYYG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPS-9350VW-CXXCYYG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V2.0
2
ABSOLUTE MAXIMUM RATINGS
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Tc
0
70
oC
Power Supply Voltage
Vcc
0
4
V
ESD Tolerance on all pins
1
KV HBM
Relative Humidity
---
5
95
% RH
non-condensing
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Tc
0
70
oC
Baud Rate
50
3000
Mb/s
Power Supply Current
Icc
200
320
mA
Transmitter Specifications (0
oC < Tc < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
0
4
dBm
1
Output Center Wavelength
λ
λc –5.5
λc
λc +7.5
nm
2
Output Spectrum Width
∆λ
---
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
5
7.5
dB
Relative Intensity Noise
RIN
-120
dB/Hz
135
ps
3, SMPTE 424M
270
ps
3, SMPTE 292M
800
ps
3, SMPTE 344M
Optical Rise Time / Fall Time
tr / tf
1.5
ns
3, SMPTE 259M
Electrical
Differential Input Voltage
VIH - VIL
200
1200
mVp-p
AC coupled input
Disable Input Voltage -- Low
VTDIS,L
0
0.8
V
TX Output Enabled
Disable Input Voltage -- High
VTDIS,H
2.0
Vcc+0.3
V
TX Ouput Disabled
VOH
2.5
Vcc+0.3
V
SCL, SDA
VOL
0
0.5
V
1.
Output power is power coupled into a 9/125
µm single mode fiber.
2.
ITU-T G.694.2 CWDM wavelength from 1470 nm to 1610 nm, each step 20 nm.
3.
20% to 80%, unfiltered.
MODULE DEFINITION
Module Definition
PIN 5
PIN 6
Interpretation by Host
4
SCL
SDA
Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SCL and SDA appear as no connector
(NC). When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E
2PROM
protocol of the ATMEL AT24C01A/02/04 family of components.


Similar Part No. - SPS-9350VW-CXXCYYG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9350VW-CXXCYYG OPTOWAY-SPS-9350VW-CXXCYYG_15 Datasheet
115Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
More results

Similar Description - SPS-9350VW-CXXCYYG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9130VW-2TG_2015 OPTOWAY-SPS-9130VW-2TG_2015 Datasheet
110Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9110VW-2TG_2015 OPTOWAY-SPS-9110VW-2TG_2015 Datasheet
110Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9380VW-2TG OPTOWAY-SPS-9380VW-2TG_15 Datasheet
110Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9110VW-2TG OPTOWAY-SPS-9110VW-2TG_15 Datasheet
110Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9130VW-2TG OPTOWAY-SPS-9130VW-2TG_15 Datasheet
110Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9330VW-CXXCYYG OPTOWAY-SPS-9330VW-CXXCYYG_15 Datasheet
115Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9310VW-CXXCYYG_2015 OPTOWAY-SPS-9310VW-CXXCYYG_2015 Datasheet
115Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-93120VW-2TG_2015 OPTOWAY-SPS-93120VW-2TG_2015 Datasheet
110Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9330VW-CXXCYYG_2015 OPTOWAY-SPS-9330VW-CXXCYYG_2015 Datasheet
115Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9350VW-2TG OPTOWAY-SPS-9350VW-2TG_15 Datasheet
110Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9380VW-2TG_2015 OPTOWAY-SPS-9380VW-2TG_2015 Datasheet
110Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com