Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT6198S Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. IDT6198S
Description  CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6198S Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT6198S Datasheet HTML 1Page - Integrated Device Technology IDT6198S Datasheet HTML 2Page - Integrated Device Technology IDT6198S Datasheet HTML 3Page - Integrated Device Technology IDT6198S Datasheet HTML 4Page - Integrated Device Technology IDT6198S Datasheet HTML 5Page - Integrated Device Technology IDT6198S Datasheet HTML 6Page - Integrated Device Technology IDT6198S Datasheet HTML 7Page - Integrated Device Technology IDT6198S Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6.3
6
IDT6198S/L
CMOS STATIC RAM 64K (16K x 4-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF READ CYCLE NO. 2
(1, 2, 4)
ADDRESS
DATAOUT
2987 drw 08
tRC
tAA
tOH
tOH
DATA VALID
PREVIOUS DATA VALID
TIMING WAVEFORM OF READ CYCLE NO. 3
(1, 3, 4)
DATAOUT
CS
ICC
ISB
VCC SUPPLY
CURRENT
2987 drw 09
tACS
(5)
tCLZ
tCHZ
tPD
tPU
(5)
DATA VALID
NOTES:
1.
WE is HIGH for Read cycle.
2. Device is continuously selected,
CS is LOW.
3. Address valid prior to or coincident with
CS transition LOW.
4.
OE is LOW.
5. Transition is measured
±200mV from steady state voltage.
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
6198S15
(1)
6198S20
6198S25
6198S35
6198S45/55
(2) 6198S70/85(2)
6198L15
(1)
6198L20
6198L25
6198L35
6198L45/55
(2) 6198L70/85(2)
Symbol
Parameter
Min. Max. Min. Max. Min.
Max. Min. Max. Min. Max. Min. Max. Unit
Write Cycle
tWC
Write Cycle Time
14
17
20
30
40/50
60/75
ns
tCW
Chip Select to End-of-Write
14
17
20
25
35/50
60/75
ns
tAW
Address Valid to End-of-Write
14
17
20
25
35/50
60/75
ns
tAS
Address Set-up Time
0
0
0
0
0
0
ns
tWP
Write Pulse Width
14
17
20
25
35/50
60/75
ns
tWR
Write Recovery Time
0
0
0
0
0
0
ns
tWHZ
(3)
Write Enable to Output in High-Z
5
6
7
10
15/25
30/40
ns
tDW
Data Valid to End-of-Write
10
10
13
15
20/25
30/35
ns
tDH
Data Hold Time
0
0
0
0
0
0
ns
tOW
(3)
Output Active from End-of-Write
5
5
5
5
5
5
ns
NOTES:
2987 tbl 12
1. 0
° to +70°C temperature range only.
2. –55
°C to +125°C temperature range only.
3. This parameter is guaranteed by device characterization, but is not production tested.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT7188SCMOS STATIC RAM 64K 16K x 4-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT7198SCMOS STATIC RAMs 64K 16K x 4-BIT Added Chip Select and Output Controls 1 2 3 4 5 MoreIntegrated Device Technology
IS64LV6416L64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IDT61298SACMOS STATIC RAM 256K 64K x 4-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IS61LV641664K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
GLT4101664K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IS61LV6424-1064K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IDT6168SACMOS STATIC RAM 16K 4K x 4-BIT 1 2 3 4 5 MoreIntegrated Device Technology
LH5164ASHCMOS 64K 8K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
W25P222A64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreWinbond

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn