Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6178S Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT6178S
Description  CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6178S Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT6178S Datasheet HTML 1Page - Integrated Device Technology IDT6178S Datasheet HTML 2Page - Integrated Device Technology IDT6178S Datasheet HTML 3Page - Integrated Device Technology IDT6178S Datasheet HTML 4Page - Integrated Device Technology IDT6178S Datasheet HTML 5Page - Integrated Device Technology IDT6178S Datasheet HTML 6Page - Integrated Device Technology IDT6178S Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
11.1
2
IDT6178S
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGE
PIN CONFIGURATIONS
TRUTH TABLES
(1)
WE
WE
OE
OE
CLR
CLR
MATCH
Mode
H
H
H
Valid
(2)
Match Cycle
L
X
H
Invalid
Write Cycle
H
L
H
Invalid
Read Cycle
X
X
L
Invalid
Clear Cycle
NOTE:
2953 tbl 03
1. H = VIH, L = VIL, X = Don’t care.
2. Valid Match = VOH, Valid Non-Match = VOL.
CAPACITANCE (TA = 25
°C, f = 1MHz)
Symbol
Parameter
Condition
Max
Units
CIN
Input Capacitance
VIN = 0V
8
pF
CI/O
I/O Capacitance
VOUT = 0V
8
pF
NOTE:
2953 tbl 06
1. This parameter is determined by device characterization, but is not
production tested.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Value
Unit
VTERM
Terminal Voltage with respect
–0.5 to +7.0
V
to GND
TA
Operating Temperature
–55 to +125
°C
TBIAS
Temperature Under Bias
–65 to +135
°C
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliabilty.
2953 tbl 04
RECOMMENDED DC
OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2(2)
6.0
V
VIL
Input Low Voltage
–0.5(1)
0.8
V
NOTES:
2953 tbl 05
1. VIL = –3.0V for pulse width less than 20ns, once per cycle.
2. VIH = 2.5V for clear pin.
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Grade
Ambient Temperature
GND
VCC
Commercial
0
°C to +70°C
0V
5.0V
± 10%
Military
–55
°C to +125°C
0V
5.0V
± 10%
2953 tbl 02
PIN DESCRIPTIONS
A0–A11
Address Inputs
I/O0–I/O3
Data Input/Output
MATCH
Match
WE
Write Enable
OE
Output Enable
CLR
Clear
VCC
Power
GND
Ground
2953 tbl 01
A0
A1
A2
A3
A4
A5
A6
A7
OE
WE
GND
VCC
A11
A10
A9
A8
CLR
I/O3
MATCH
I/O2
I/O1
I/O0
1
22
2
21
3
20
4
19
5
18
617
7
16
8
15
9
14
10
13
11
12
P22-1
&
D22-1
2953 drw 02
SOJ
TOP VIEW
NC
A5
A0
A1
A2
A3
A4
A6
A7
OE
WE
GND
VCC
A11
A10
A9
A8
NC
I/O3
MATCH
I/O2
I/O1
I/O0
124
223
322
4
21
5
20
6
19
7
18
8
17
9
16
10
15
11
14
S024-4
CLR
12
13
2953 drw 03
DIP
TOP VIEW


Similar Part No. - IDT6178S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT6178S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71215 IDT-IDT71215 Datasheet
155Kb / 14P
   BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71216 IDT-IDT71216 Datasheet
154Kb / 14P
   BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
logo
Motorola, Inc
MCM67T415 MOTOROLA-MCM67T415 Datasheet
98Kb / 3P
   16K x 15 Bit Cache Tag RAM for Pentium Processors
logo
UMC Corporation
UM61166 UMC-UM61166 Datasheet
488Kb / 8P
   4K x 16 CMOS CACHE RAM
logo
Renesas Technology Corp
IDT71215 RENESAS-IDT71215 Datasheet
322Kb / 17P
   BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
OCTOBER 1999
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Integrated Device Techn...
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
   BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com