Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6116SA25TDB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT6116SA25TDB
Description  CMOS STATIC RAM 16K (2K x 8 BIT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6116SA25TDB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT6116SA25TDB Datasheet HTML 1Page - Integrated Device Technology IDT6116SA25TDB Datasheet HTML 2Page - Integrated Device Technology IDT6116SA25TDB Datasheet HTML 3Page - Integrated Device Technology IDT6116SA25TDB Datasheet HTML 4Page - Integrated Device Technology IDT6116SA25TDB Datasheet HTML 5Page - Integrated Device Technology IDT6116SA25TDB Datasheet HTML 6Page - Integrated Device Technology IDT6116SA25TDB Datasheet HTML 7Page - Integrated Device Technology IDT6116SA25TDB Datasheet HTML 8Page - Integrated Device Technology IDT6116SA25TDB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
IDT6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and In dustrial Temperature Ranges
NOTES:
1. TA = + 25°C
2. tRC = Read Cycle Time.
3. This parameter is guaranteed by device characterization, but is not production tested.
DC Electrical Characteristics(1)(continued)
(VCC = 5.0V ± 10%, VLC = 0.2V, VHC = VCC - 0.2V)
NOTES:
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC, only address inputs are toggling at fMAX, f = 0 means address inputs are not changing.
Data Retention Characteristics Over All Temperature Ranges
(LA Version Only) (VLC = 0.2V, VHC = VCC – 0.2V)
Symbol
Parameter
Power
6116SA45
6116LA45
6116SA55
6116LA55
6116SA70
6116LA70
6116SA90
6116LA90
6116SA120
6116LA120
6116SA150
6116LA150
Unit
Com'l
& Ind
Mil
Mil Only
Mil Only
Mil Only
Mil Only
Mil Only
ICC1
Operating Power Supply
Current,
CS < VIL,
Outputs Open
VCC = Max., f = 0
SA
80
90
90
90
90
90
90
mA
LA
75
85
85
85
85
85
85
ICC2
Dynamic Operating
Current,
CS < VIL,
Outputs Open
VCC = Max., f = fMAX
(2)
SA
100
100
100
100
100
100
90
mA
LA
90
95
90
90
85
85
85
ISB
Standby Power Supply
Current (TTL Level)
CS > VIH, Outputs Open
VCC = Max., f = fMAX
(2)
SA
25
25
25
25
25
25
25
mA
LA
20
20
20
20
25
15
15
ISB1
Full Standby Power
Supply Current (CMOS
Level),
CS > VHC,
VCC = Max., VIN < VLC
or VIN > VHC, f = 0
SA
2
10
10
101010
10
mA
LA
0.1
0.9
0.9
0.9
0.9
0.9
0.9
3089 tbl 09
Typ.
(1)
VCC @
Max.
VCC @
Symbol
Parameter
Test Condition
Min.
2.0V
3.0V
2.0V
3.0V
Unit
VDR
VCC for Data Retention
____
2.0
____
____
____
____
V
ICCDR
Data Retention Current
MIL.
COM'L.
____
____
0.5
0.5
1.5
1.5
200
20
300
30
µA
tCDR
(3)
Chip Deselect to Data
Retention Time
CS > VHC
VIN > VHC or < VLC
____
0
____
____
____
ns
tR
(3)
Operation Recovery Time
tRC
(2)
____
____
____
____
ns
IILII
Input Leakage Current
____
____
____
22
µA
3089 tbl 10


Similar Part No. - IDT6116SA25TDB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results

Similar Description - IDT6116SA25TDB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com