Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT29FCT53BP Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT29FCT53BP
Description  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT29FCT53BP Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT29FCT53BP Datasheet HTML 1Page - Integrated Device Technology IDT29FCT53BP Datasheet HTML 2Page - Integrated Device Technology IDT29FCT53BP Datasheet HTML 3Page - Integrated Device Technology IDT29FCT53BP Datasheet HTML 4Page - Integrated Device Technology IDT29FCT53BP Datasheet HTML 5Page - Integrated Device Technology IDT29FCT53BP Datasheet HTML 6Page - Integrated Device Technology IDT29FCT53BP Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1992
©1992 Integrated Device Technology, Inc.
7.1
DSC-4605/3
®
FAST CMOS
OCTAL REGISTERED
TRANSCEIVERS
FEATURES:
• Equivalent to AMD’s Am2952/53 and National’s
29F52/53 in pinout/function
• IDT29FCT52A/53A equivalent to FAST
™ speed
• IDT29FCT52B/53B 25% faster than FAST
• IDT29FCT52C/53C 37% faster than FAST
•IOL = 64mA (commercial) and 48mA (military)
•IIH and IIL only 5
µA max.
• CMOS power levels (2.5mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Available in 24-pin DIP, SOIC, 28-pin LCC with JEDEC
standard pinout
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT29FCT52A/B/C and IDT29FCT53A/B/C are 8-bit
registered transceivers manufactured using an advanced
dual metal CMOS technology. Two 8-bit back-to-back regis-
ters store data flowing in both directions between two bidirec-
tional buses. Separate clock, clock enable and 3-state output
enable signals are provided for each register. Both A outputs
and B outputs are guaranteed to sink 64mA.
The IDT29FCT52A/B/C is a non-inverting option of the
IDT29FCT53A/B/C.
CPA
A0
CEA
A1
A2
A3
A4
A5
A6
A7
B0
OEB
B1
B2
B3
B4
B5
B6
B7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D0
D1
D2
D3
D4
D5
D6
D7
CE CP
A
Reg.
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7 CE CP
B
Reg.
OEA
CPB
CEB
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST is a trademark of National Semiconductor Co.
IDT29FCT52A/B/C
IDT29FCT53A/B/C
FUNCTIONAL BLOCK DIAGRAM
(1)
NOTE:
2533 drw 01
1. IDT29FCT52 function is shown.
1


Similar Part No. - IDT29FCT53BP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT53BT IDT-IDT29FCT53BT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results

Similar Description - IDT29FCT53BP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com