Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49C466 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # IDT49C466
Description  64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C466 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button IDT49C466 Datasheet HTML 14Page - Integrated Device Technology IDT49C466 Datasheet HTML 15Page - Integrated Device Technology IDT49C466 Datasheet HTML 16Page - Integrated Device Technology IDT49C466 Datasheet HTML 17Page - Integrated Device Technology IDT49C466 Datasheet HTML 18Page - Integrated Device Technology IDT49C466 Datasheet HTML 19Page - Integrated Device Technology IDT49C466 Datasheet HTML 20Page - Integrated Device Technology IDT49C466 Datasheet HTML 21Page - Integrated Device Technology IDT49C466 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
11.7
18
IDT49C466/A Flow-thruEDC
ERROR DETECTION AND CORRECTION UNIT
COMMERCIAL TEMPERATURE RANGES
Figure 5. WFIFO Write Timing (Write Cycle)
SD0-63
SDin
SCLK
(WCLK)
MCLK
(RCLK)
read
write
WBSEL
tSSCS
tSSCH
tENH
tENS
tFF
tFF
tSKEW1
SOE
WBEN
WBFF
WBREN
2617 drw 09
Figure 4. Mode Enable Timing
SD0-15
SCLK
SDin (Mode)
tMENS
tMENH
tMODS
tMODH
MEN
2617 drw 08
AC Test Conditions
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
1V/ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 15
2617 tbl 21


Similar Part No. - IDT49C466

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460A IDT-IDT49C460A Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFF IDT-IDT49C460AFF Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFFB IDT-IDT49C460AFFB Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AG IDT-IDT49C460AG Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C466

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com