Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT49C465 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # IDT49C465
Description  32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C465 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button IDT49C465 Datasheet HTML 11Page - Integrated Device Technology IDT49C465 Datasheet HTML 12Page - Integrated Device Technology IDT49C465 Datasheet HTML 13Page - Integrated Device Technology IDT49C465 Datasheet HTML 14Page - Integrated Device Technology IDT49C465 Datasheet HTML 15Page - Integrated Device Technology IDT49C465 Datasheet HTML 16Page - Integrated Device Technology IDT49C465 Datasheet HTML 17Page - Integrated Device Technology IDT49C465 Datasheet HTML 18Page - Integrated Device Technology IDT49C465 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
11.7
15
IDT49C465/A
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DEFINITIONS OF TERMS:
D0 – D31 = System Data and/or Memory Data Inputs
CBI0 – CBI7 = Checkbit Inputs
PCBI0 – PCBI7 = Partial Checkbit Inputs
FS0 – FS7 = Final Internal Syndrome bits
FUNCTIONAL EQUATIONS:
The equations below describe the terms used in the
IDT49C465 to determine the values of the partial checkbits,
checkbits, partial syndromes and final internal syndromes.
NOTE: All “
⊕” symbols below represent the “EXCLUSIVE-
OR” function.
PA = D0
⊕ D1 ⊕ D2 ⊕ D4 ⊕ D6 ⊕ D8 ⊕ D10 ⊕ D12 ⊕ D16 ⊕ D17
⊕ D18 ⊕ D20 ⊕ D22 ⊕ D24 ⊕ D26 ⊕ D28
PB = D0
⊕ D3 ⊕ D4 ⊕ D7 ⊕ D9 ⊕ D10 ⊕ D13 ⊕ D15 ⊕ D16 ⊕ D19
⊕ D20 ⊕ D23 ⊕ D25 ⊕ D26 ⊕ D29 ⊕ D31
PC = D0
⊕ D1 ⊕ D5 ⊕ D6 ⊕ D7 ⊕ D11 ⊕ D12 ⊕ D13 ⊕ D16 ⊕ D17
⊕ D21 ⊕ D22 ⊕ D23 ⊕ D27 ⊕ D28 ⊕ D29
PD = D2
⊕ D3 ⊕ D4 ⊕ D5 ⊕ D6 ⊕ D7 ⊕ D14 ⊕ D15 ⊕ D18 ⊕ D19
⊕ D20 ⊕ D21 ⊕ D22 ⊕ D23 ⊕ D30 ⊕ D31
PE = D8
⊕ D9 ⊕ D10 ⊕ D11 ⊕ D12 ⊕ D13 ⊕ D14 ⊕ D15 ⊕ D24
⊕ D25 ⊕ D26 ⊕ D27 ⊕ D28 ⊕ D29 ⊕ D30 ⊕ D31
PF = D0
⊕ D1 ⊕ D2 ⊕ D3 ⊕ D4 ⊕ D5 ⊕ D6 ⊕ D7 ⊕ D24 ⊕ D25
⊕ D26 ⊕ D27 ⊕ D28 ⊕ D29 ⊕ D30 ⊕ D31
PG = D8
⊕ D9 ⊕ D10 ⊕ D11 ⊕ D12 ⊕ D13 ⊕ D14 ⊕ D15 ⊕ D16
⊕ D17 ⊕ D18 ⊕ D19 ⊕ D20 ⊕ D21 ⊕ D22 ⊕ D23
PH0 = D0
⊕ D4 ⊕ D6 ⊕ D7 ⊕ D8 ⊕ D9 ⊕ D11 ⊕ D14 ⊕ D17 ⊕ D18
⊕ D19 ⊕ D21 ⊕ D26 ⊕ D28 ⊕ D29 ⊕ D31
PH1 = D1
⊕ D2 ⊕ D3 ⊕ D5 ⊕ D8 ⊕ D9 ⊕ D11 ⊕ D14 ⊕ D17 ⊕ D18
⊕ D19 ⊕ D21 ⊕ D24 ⊕ D25 ⊕ D27 ⊕ D30
PH2 = D0
⊕ D4 ⊕ D6 ⊕ D7 ⊕ D10 ⊕ D12 ⊕ D13 ⊕ D15 ⊕ D16
D20
⊕ D22 ⊕ D23 ⊕ D26 ⊕ D28 ⊕ D29 ⊕ D31
CMOS TESTING CONSIDERATIONS
Special test board considerations must be taken into
account when applying high-speed CMOS products to the
automatic test environment. Large output currents are being
switched in very short periods and proper testing demands
that test set-ups have minimized inductance and guaranteed
zero voltage grounds. The techniques listed below will assist
the user in obtaining accurate testing results:
1) All input pins should be connected to a voltage potential
during testing. If left floating, the device may oscillate,
causing improper device operation and possible latchup.
2) Placement and value of decoupling capacitors is critical.
Each
physical
set-up
has
different
electrical
characteristics and it is recommended that various
decoupling capacitor sizes be experimented with.
Capacitors should be positioned using the minimum lead
lengths.
They should also be distributed to decouple
power supply lines and be placed as close as possible to
the DUT power pins.
3) Device grounding is extremely critical for proper device
testing. The use of multi-layer performance boards with
radial decoupling between power and ground planes is
necessary. The ground plane must be sustained from the
performance board to the DUT interface board and wiring
unused interconnect pins to the ground plane is recom-
mended. Heavy gauge stranded wire should be used for
power wiring, with twisted pairs being recommended for
minimized inductance.
4) To guarantee data sheet compliance, the input thresholds
should be tested per input pin in a static environment. To
allow for testing and hardware-induced noise, IDT recom-
mends using VIL
≤ 0V and VIH ≥ 3V for AC tests.


Similar Part No. - IDT49C465

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460A IDT-IDT49C460A Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFF IDT-IDT49C460AFF Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFFB IDT-IDT49C460AFFB Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AG IDT-IDT49C460AG Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C465

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
ATMEL Corporation
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
National Semiconductor (TI)
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
Dynex Semiconductor
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
Texas Instruments
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
ON Semiconductor
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com