Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT49C465 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT49C465
Description  32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C465 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT49C465 Datasheet HTML 6Page - Integrated Device Technology IDT49C465 Datasheet HTML 7Page - Integrated Device Technology IDT49C465 Datasheet HTML 8Page - Integrated Device Technology IDT49C465 Datasheet HTML 9Page - Integrated Device Technology IDT49C465 Datasheet HTML 10Page - Integrated Device Technology IDT49C465 Datasheet HTML 11Page - Integrated Device Technology IDT49C465 Datasheet HTML 12Page - Integrated Device Technology IDT49C465 Datasheet HTML 13Page - Integrated Device Technology IDT49C465 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
11.7
10
IDT49C465/A
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OPERATING MODE CHARTS
SLICE IDENTIFICATION
CODE ID 1
CODE ID 0
Slice Definition
0
0
32-bit Flow-Thru EDC
0
1
64-bit GENERATE Only EDC
1
0
64-bit EDC- Lower 32 bits (0-31)
1
1
64-bit EDC- Upper 32 bits (32-63)
2552 tbl 04
SLICE POSITION CONTROL
Checkbit Buses
Slice Position/
CODE Functional Operation
PCBI
CBI
CBO
SYO
P
ID
SOE
SOE SD Bus MOE
MOE
MD Bus
Bus
Bus
Bus
Bus
Bus
PERR
PERR
1 0
Width =
32
32
8
8
8
8
4
1
0 0
Single 32-bit EDC unit
Generate
(1)
1
Sys. 0–31
0
Sys. Byte Mux
CBs out
P in
active
Detect/Correct
(2)
0
Pipe. latch
1
MD 0–31
CBs in
Syn. out
P out
0 1
“64-bit Generate-only”
1
Sys. 32–63
1
Sys. 0–31
CBs out
1 0
Lower word, 64-bit bus
Generate
(1)
1
Sys. 0–31
0
MD 0–31
PCBs out
P in
active
Detect/Correct
(2)
0
Pipe. latch
1
MD 0–31
U-SYOout
CBs in
Par.Synd P out
1 1
Upper word, 64-bit bus
Generate
(1)
1
Sys. 32–63
0
MD 32–63
L-CBOout
F.CBs out
P in
active
Detect/Correct
(2)
0
Pipe. latch
1
MD 32–63
L-SYOout
Par.Cbits P out
NOTES:
2552 tbl 05
1. Checkbits generated from the data in the SD Latch.
2. Corrected data residing in the Pipe Latch.
PCBI
CBI
CBO
SYO
P
FUNCTIONAL MODE CONTROL
Checkbit Buses
Functional Mode
of SD Bus
PCBI
CBI
CBO
SYO
P
MODE
SOE
SOE
SD Bus
MOE
MOE MD Bus
Bus
Bus
Bus
Bus
Bus
PERR
PERR
2 1 0
Width =
32
32
8
8
8
8
4
1
x1 1
“Normal”
Generate
1
CPU Data
0
Pipe. latch
CB out
P in
active
Correct
0
Pipe. latch
1
RAM Data
CB in
P out
x1 0
“Generate-Detect”
Generate
1
CPU Data
0
Pipe. latch
CB out
P in
active
Detect
0
Pipe. latch
1
RAM Data
CB in
P out
000
“Error-Data-Output”
0
Err. D. latch
x0 1
“Diagnostic-Output”
0
CBin latch
PCBI in
CB in
PCBIin bus
Syn. register
Err. counter
Er. type reg.
100
“Checkbit-Injection”
Generate
1
SDin latch
0
Pipe. latch
CB out
P in
active
Inject Checkbits
1
SD0–7 in
0
Pipe. latch
Correct
0
Pipe. latch
1
RAM Data
CB in
P out
2552 tbl 06


Similar Part No. - IDT49C465

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460A IDT-IDT49C460A Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFF IDT-IDT49C460AFF Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFFB IDT-IDT49C460AFFB Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AG IDT-IDT49C460AG Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C465

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
ATMEL Corporation
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
National Semiconductor (TI)
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
Dynex Semiconductor
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
Texas Instruments
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
ON Semiconductor
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com