Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT49C465 Datasheet(PDF) 31 Page - Integrated Device Technology

Part No. IDT49C465
Description  32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C465 Datasheet(HTML) 31 Page - Integrated Device Technology

Back Button IDT49C465 Datasheet HTML 27Page - Integrated Device Technology IDT49C465 Datasheet HTML 28Page - Integrated Device Technology IDT49C465 Datasheet HTML 29Page - Integrated Device Technology IDT49C465 Datasheet HTML 30Page - Integrated Device Technology IDT49C465 Datasheet HTML 31Page - Integrated Device Technology IDT49C465 Datasheet HTML 32Page - Integrated Device Technology IDT49C465 Datasheet HTML 33Page - Integrated Device Technology IDT49C465 Datasheet HTML 34Page - Integrated Device Technology IDT49C465 Datasheet HTML 35Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
11.7
31
IDT49C465/A
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC TIMING DIAGRAMS — 64-BIT CONFIGURATION
NOTE:
2552 drw 22
1. Assumes that System Data is valid at least 3ns (Com.)/4ns (Mil.) before SLE goes HIGH.
Figure 10. 64-Bit Generate Timing — (64-Bit Cascading System)
BEN
t SESxZ
t SESxZ
t SSLS
t SSLH
t PPE
t SM
t SC
t SLC
t CECZx
t SESxZ min.
t SESxZ max.
t SSLS
t SSLH
t PPE
t SM
t MEMZx
t SC
t SLC
t CECZx
SOE
SLE
SD (L & U)
Px
PERR
MOE
MD (L & U)
CBOE
CBO
t MEMZx
SOE = High to SDOUT Disabled
SOE = High to SDOUT Disabled
SDIN Set-up to SLEIN = Low
SDIN Hold to SLEIN = Low
Px to PERR
SDIN to MDOUT
MOE = Low to MDOUT Enabled
SD Lower In to CBO
SLEIN = High to CBO
CBOE = Low to CBO Enabled
min.
max.
min.
min.
max.
max.
max.
max.
max.
Parameter
Name
Propagation Delay
From
To
Min./
Max.
(OUTPUT)
DATAIN
(INPUT)
MD DATAOUT = SD DATAIN
LOWER 465
Partial Checkbits Out
Partial Checkbits In
UPPER 465
Final Checkbits Out
t PCC
t PCC
PCBI to CBO
max.
3
Inter-chip delay (Design dependent)
PCBI
CBO
Parity In
t SLM
t SLM
SLE = High to MDOUT
max.
t BEM
t BEM
BEN to MDOUT
max.
max.
BOTH
465s
to
1
2
3
4
5
to
1
2
3
4
5
(1)
(1)
(1)
(1)
(1)


Similar Part No. - IDT49C465

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460A IDT-IDT49C460A Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFF IDT-IDT49C460AFF Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFFB IDT-IDT49C460AFFB Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AG IDT-IDT49C460AG Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C465

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
ATMEL Corporation
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
National Semiconductor (TI)
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
Dynex Semiconductor
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
Texas Instruments
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
ON Semiconductor
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz