Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT49C465 Datasheet(PDF) 25 Page - Integrated Device Technology

Part No. IDT49C465
Description  32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C465 Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button IDT49C465 Datasheet HTML 21Page - Integrated Device Technology IDT49C465 Datasheet HTML 22Page - Integrated Device Technology IDT49C465 Datasheet HTML 23Page - Integrated Device Technology IDT49C465 Datasheet HTML 24Page - Integrated Device Technology IDT49C465 Datasheet HTML 25Page - Integrated Device Technology IDT49C465 Datasheet HTML 26Page - Integrated Device Technology IDT49C465 Datasheet HTML 27Page - Integrated Device Technology IDT49C465 Datasheet HTML 28Page - Integrated Device Technology IDT49C465 Datasheet HTML 29Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
11.7
25
IDT49C465/A
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC PARAMETERS - 49C465
PROPAGATION DELAY TIMES
32-bit
64-bit
64-bit System
System
“Generate
Standalone
only”
Lower
Upper
Slice
Slice
Slice
Slice
CODE ID=00
CODE ID=01 CODE ID=10 CODE ID=11
Parameter Description
Com.
Mil. Com. Mil.
Com. Mil.
Com.
Mil.
Refer to
Number Parameter From
To
Timing Diagram
Name
Input (edge) Output (edge)
Max. Max. Max. Max. Max. Max. Max. Max. Unit
Figure
GENERATE (WRITE) PARAMETERS
01
t BC
BEN
CBO
20
25
20
25
20
25
ns
02
t BM
BEN
MDOUT
20
25
20
25
20
25
ns
03
t MC
MDIN
CBO
——
17
20
——
——
ns
10
04
t PCC
PCBI
CBO
———
——
15
20
ns
7
05
t PPE
PXIN
PERR
15
20
15
20
15
20
ns
06
t SC
CBO
16
20
16
20
16
20
16
20
ns
7
07
t SM
SDIN
MDOUT
15
20
15
20
15
20
ns
7
08
tSPE
PERR
15
20
15
20
15
20
ns
DETECT (READ) PARAMETERS
09
t CE
ERR
ERR = LOW
16
20
15
20
ns
8,10
10
t CME
CBI
MERR = LOW
20
24
20
24
ns
8,10
11
t CSY
SYO
15
20
12
18
ns
8,10
12
t ME
ERR
ERR = LOW
15
20
15
20
ns
8,10
13
t MME
MDIN
MERR = LOW
20
24
20
24
ns
8,10
14
t MSY
SYO
18
22
15
20
15
20
ns
8,10
CORRECT (READ) PARAMETERS
15
t CS
CBI
SDOUT
20
24
20
24
ns
8,11
16
t MP
Px
20
26
20
26
20
26
ns
8,11
17
t MS
MDIN
SDOUT
16
20
ns
8,11
18
t MSY
SYO
18
22
15
20
15
20
ns
8,11
19
t PCS
PCBI
SDOUT
———
15
20
——
ns
11
DIAGNOSTIC PARAMETERS
20
t CLR
CLEAR = LOW
SDOUT
20
24
20
24
20
24
ns
15
21
t MIS
MODE ID
SDOUT
20
24
20
24
20
24
ns
15
NOTES:
1. Where “edge” is not specified, both HIGH and LOW edges are implied.
2. BOLD indicates critical system parameters.
2552 tbl 23


Similar Part No. - IDT49C465

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460A IDT-IDT49C460A Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFF IDT-IDT49C460AFF Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFFB IDT-IDT49C460AFFB Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AG IDT-IDT49C460AG Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C465

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
ATMEL Corporation
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
National Semiconductor (TI)
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
Dynex Semiconductor
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
Texas Instruments
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
ON Semiconductor
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz