Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT49C465 Datasheet(PDF) 23 Page - Integrated Device Technology

Part No. IDT49C465
Description  32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C465 Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button IDT49C465 Datasheet HTML 19Page - Integrated Device Technology IDT49C465 Datasheet HTML 20Page - Integrated Device Technology IDT49C465 Datasheet HTML 21Page - Integrated Device Technology IDT49C465 Datasheet HTML 22Page - Integrated Device Technology IDT49C465 Datasheet HTML 23Page - Integrated Device Technology IDT49C465 Datasheet HTML 24Page - Integrated Device Technology IDT49C465 Datasheet HTML 25Page - Integrated Device Technology IDT49C465 Datasheet HTML 26Page - Integrated Device Technology IDT49C465 Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
11.7
23
IDT49C465/A
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PROPAGATION DELAY TIMES FROM LATCH ENABLES
Parameter Description
Com.’l.
Mil.
Refer to
Parameter
From
To
Timing Diagram
Number
Name
Input
(edge)
Output
(edge)
Max.
Max.
Unit
Figure
22
t MLC
CBO
*
16
20
ns
13
23
t MLE
ERR
*
13
18
ns
8, 10, 11
24
t MLME
MLE =
HIGH
MERR
*16
20
ns
8
25
t MLP
Px
*
18
22
ns
8, 11
26
t MLS
SDOUT
*
18
22
ns
8, 10, 11
27
t MLSY
SYO
*
15
20
ns
8, 10
28
t PLS
PLE =
LOW
SDOUT
*
10
12
ns
8, 11
29
t PLP
PLE =
LOW
Px
*
13
18
ns
8, 11
30
t SLC
SLE =
HIGH
CBO
*
16
20
ns
7, 9
31
t SLM
SLE =
HIGH
MDOUT
*
12
18
ns
7, 9
NOTE:
2552 tbl 27
“*” = Both HIGH and LOW edges are implied.
AC PARAMETERS - 49C465A
ENABLE AND DISABLE TIMES
Parameter Description
Com’l.
Mil.
Refer to
Parameter
From
To
Timing Diagram
Number
Name
Input
(edge)
Output (edge)
Min.
Max.
Min.
Max.
Unit
Figure
32
t BESZx
BEN =
HIGH
SDOUT
*
2
13
2
16
ns
8, 10, 11
33
t BESxZ
LOW
Hi – Z
2
11
2
14
ns
34
t BEPZx
BEN =
HIGH
POUT
*
2
13
2
16
ns
8, 11
35
t BEPxZ
LOW
Hi – Z
2
11
2
14
ns
36
t CECZx
CBOE = LOW
CBO
*
2
13
2
16
ns
7, 9
37
t CECxZ
HIGH
Hi – Z
2
11
2
14
ns
38
t MEMZx
MOE = LOW
MDOUT
*
2
13
2
16
ns
7, 9
39
t MEMxZ
HIGH
Hi – Z
2
11
2
14
ns
8, 10
40
t SESZx
SOE =
LOW
SDOUT
*
2
13
2
16
ns
8, 10
41
t SESxZ
HIGH
Hi – Z
2
11
2
14
ns
7, 9
NOTE:
2552 tbl 28
“*” = Delay to both edges.


Similar Part No. - IDT49C465

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460A IDT-IDT49C460A Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFF IDT-IDT49C460AFF Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFFB IDT-IDT49C460AFFB Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AG IDT-IDT49C460AG Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C465

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
ATMEL Corporation
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
National Semiconductor (TI)
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
Dynex Semiconductor
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
Texas Instruments
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
ON Semiconductor
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz