Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT49C465 Datasheet(PDF) 20 Page - Integrated Device Technology

Part No. IDT49C465
Description  32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C465 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button IDT49C465 Datasheet HTML 16Page - Integrated Device Technology IDT49C465 Datasheet HTML 17Page - Integrated Device Technology IDT49C465 Datasheet HTML 18Page - Integrated Device Technology IDT49C465 Datasheet HTML 19Page - Integrated Device Technology IDT49C465 Datasheet HTML 20Page - Integrated Device Technology IDT49C465 Datasheet HTML 21Page - Integrated Device Technology IDT49C465 Datasheet HTML 22Page - Integrated Device Technology IDT49C465 Datasheet HTML 23Page - Integrated Device Technology IDT49C465 Datasheet HTML 24Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
11.7
20
IDT49C465/A
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Pkg.
Typ.
Unit
CIN
Input
VIN = 0V
PGA
10
pF
Capacitance
PQFP
5
COUT
Output
VOUT = 0V
PGA
12
pF
Capacitance
PQFP
7
NOTE:
2552 tbl 20
1. This parameter is sampled and not 100% tested.
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Com’l.
Mil.
Unit
VCC
Power Supply
–0.5 to +7.0 –0.5 to +7.0
V
Voltage
VTERM
Terminal Voltage
–0.5 to
–0.5 to
V
with Respect
VCC + 0.5
VCC + 0.5
to Ground
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125 –65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125 –65 to +150
°C
Temperature
IOUT
DC Output
30
30
mA
Current
NOTE:
2552 tbl 19
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to Absolute Maximum Ratings for
extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
The following conditions apply unless otherwise specified:
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
VIH
Input HIGH Level
(4)
Guaranteed Logic HIGH Normal Inputs
2.0
V
Hysteresis Inputs
3.0
VIL
Input LOW Level
(4)
Guaranteed Logic LOW
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
5.0
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
–5.0
µA
IOZ
Off State (Hi-Z)
VCC = Max.
VO = 0V
–10
µA
VO = 3V
10
IOS
Short Circuit Current
VCC = Max.
(3)
–20
–150
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –6mA
COM’L.
2.4
V
VIN = VIH or VIL
IOH = –4mA
MIL.
2.4
VOL
Output LOW Voltage
VCC = Min.
IOL = 12mA
COM’L.
0.5
V
VIN = VIH or VIL
IOL = 6mA
MIL.
0.5
VH
Hysteresis
CLEAR, MLE, PLE, SLE, SYNCLK, SCLKEN
200
mV
NOTES:
2552 tbl 21
1. For conditions shown as min. or max., use appropriate value specified above for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient temperature and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. These input levels provide zero noise immunity and should only be static tested in a noise-free environment.


Similar Part No. - IDT49C465

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460A IDT-IDT49C460A Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFF IDT-IDT49C460AFF Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFFB IDT-IDT49C460AFFB Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AG IDT-IDT49C460AG Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C465

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
ATMEL Corporation
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
National Semiconductor (TI)
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
Dynex Semiconductor
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
Texas Instruments
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
ON Semiconductor
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz