Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT49C460A Datasheet(PDF) 7 Page - Integrated Device Technology

Part No. IDT49C460A
Description  32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C460A Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT49C460A Datasheet HTML 3Page - Integrated Device Technology IDT49C460A Datasheet HTML 4Page - Integrated Device Technology IDT49C460A Datasheet HTML 5Page - Integrated Device Technology IDT49C460A Datasheet HTML 6Page - Integrated Device Technology IDT49C460A Datasheet HTML 7Page - Integrated Device Technology IDT49C460A Datasheet HTML 8Page - Integrated Device Technology IDT49C460A Datasheet HTML 9Page - Integrated Device Technology IDT49C460A Datasheet HTML 10Page - Integrated Device Technology IDT49C460A Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
11.6
7
IDT49C460/A/B/C/D/E
32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DETAILED PRODUCT DESCRIPTION
The IDT49C460 EDC units contain the logic necessary to
generate check bits on 32 bits of data input according to a
modified Hamming Code. The EDC can compare internally
generated check bits against those read with the 32-bit data
to allow correction of any single bit data error and detection of
all double (and some triple) bit errors. The IDT49C460s can
be used for 32-bit data words (7 check bits) and 64-bit (8 check
bits) data words.
WORD SIZE SELECTION
The two code identification pins, CODE ID1, 0, are used to
determine the data word size that is 32 or 64 bits. They also
select the Internal Control Mode. Table 4 defines all possible
slice identification codes.
CHECK AND SYNDROME BITS
The IDT49C460s provide either check bits or syndrome
bits on the three-state output pins, SC0–7. Check bits are
generated from a combination of the Data Input bits, while
syndrome bits are an exclusive-OR of the check bits gener-
ated from read data with the read check bits stored with the
data. Syndrome bits can be decoded to determine the single
bit in error or that a double (some triple) error was detected.
The check bits are labeled:
C0, C1, C2, C3, C4, C5, C6
for the 32-bit configuration
C0, C1, C2, C3, C4, C5, C6, C7
for the 64-bit configuration
Syndrome bits are similarly labeled S0 through S7.
2584 tbl 02
Table 2. Diagnostic Mode Control
NOTES:
2584 tbl 03
1. In Generate Mode, data is read into the EDC unit and the check bits are generated. The same data is written to memory along with the check bits. Since
the DATAOUT Latch is not used in the Generate Mode, LEOUT (being LOW since it is tied to Generate) does not affect the writing of check bits.
2. Error Dep (Error Dependent):
ERROR will be low for single or multiple errors, with MULT ERROR low for double or multiple errors. Both signals are high
for no errors.
3. LEIN is LOW.
Table 3. IDT49C460 Operating Modes
Correct
Diag
Mode0
Diag
Mode1
Diagnostic Mode Selected
X0
0
Non-diagnostic Mode.
Normal
EDC function in this mode.
X0
1
Diagnostic Generate.
The con
tents of the Diagnostic Latch are
substituted
for
the
normally
generated check bits when in the
Generate
Mode.
The
EDC
functions normally in the Detect or
Correct modes.
0/1
1
0
Diagnostic Detect/Correct.
In
either mode, the contents of the
Diagnostic Latch are substituted
for the check bits normally read
from the Check Bit Input Latch.
The EDC functions normally in the
Generate Mode.
11
1
Initialize.
The Data Input Latch
outputs are forced to zeros and
latched upon removal of Initialize
Mode.
01
1
PASSTHRU.
Operating
Mode
DM0
DM1
Generate
Correct
DATAOUT Latch
SC0–7
(
OE
OESC = LOW)
ERROR
ERROR
MULT ERROR
MULT ERROR
Generate
0
1
0
0
0X
LEOUT = LOW (1)
Check Bits Generated from
DATAIN Latch
High
Detect
0
0
0
1
1
0
DATAIN Latch
Syndrome Bits DATAIN/
Check Bit Latch
Error Dep (2)
Correct
0
0
0
1
1
1
DATAIN Latch w/
Single Bit Correction
Syndrome Bits DATAIN/
Check Bit Latch
Error Dep
PASSTHRU
1
1
1
0
DATAIN Latch
Check Bit Latch
High
Diagnostic
Generate
0
1
0
X
Check Bits from Diagnostic Latch
High
Diagnostic Detect
1
0
1
0
DATAIN Latch
Syndrome Bits DATAIN/
Diagnostic Latch
Error Dep
Diagnostic Correct
1
0
1
1
DATAIN Latch w/
Single Bit Correction
Syndrome Bits DATAIN/
Diagnostic Latch
Error Dep
Initialization
1
1
1
1
DATAIN Latch
Set to 0000(3)
——
Internal
CODE ID1,0 = 01 (Control Signals CODE ID1,0, DIAG MODE1,0 and CORRECT are taken from Diagnostic Latch.)


Similar Part No. - IDT49C460A

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465A IDT-IDT49C465A Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AG IDT-IDT49C465AG Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AGB IDT-IDT49C465AGB Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465APQF IDT-IDT49C465APQF Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C460A

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
National Semiconductor (TI)
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
Integrated Device Technology
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Dynex Semiconductor
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
ATMEL Corporation
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
Texas Instruments
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
ON Semiconductor
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz