Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT49C460 Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT49C460
Description  32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C460 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT49C460 Datasheet HTML 1Page - Integrated Device Technology IDT49C460 Datasheet HTML 2Page - Integrated Device Technology IDT49C460 Datasheet HTML 3Page - Integrated Device Technology IDT49C460 Datasheet HTML 4Page - Integrated Device Technology IDT49C460 Datasheet HTML 5Page - Integrated Device Technology IDT49C460 Datasheet HTML 6Page - Integrated Device Technology IDT49C460 Datasheet HTML 7Page - Integrated Device Technology IDT49C460 Datasheet HTML 8Page - Integrated Device Technology IDT49C460 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
11.6
5
IDT49C460/A/B/C/D/E
32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN DESCRIPTIONS
Pin Name
I/O
Description
DATA0–31
I/O
32 bidirectional data lines provide input to the Data Input Latch and Diagnostic Latch and also receive output from
the Data Output Latch. DATA0 is the LSB; DATA31 is the MSB.
CB0–7
I
Eight check bit input lines input check bits for error detection and also used to input syndrome bits for error
correction in 64-bit applications.
LEIN
I
Latch Enable is for the Data Input Latch. Controls latching of the input data. Data Input Latch and Check Bit Input
Latch are latched to their previous state when LOW. When HIGH, the Data Input Latch and Check Bit Input Latch
follow the input data and input check bits.
LEOUT/
GENERATE
A multifunction pin which, when LOW, is in the Check Bit Generate Mode. In this mode, the device generates the
check bits or GENERATE partial check bits specific to the data in the Data Input Latch. The generated check bits
are placed on the SC outputs. Also, when LOW, the Data Out Latch is latched to its previous state.
When HIGH, the device is in the Detect or Correct Mode. In this mode, the device detects single and multiple
errors and generates syndrome bits based upon the contents of the Data Input Latch and Check Bit Input Latch.
In the Correct Mode, single bit errors are also automatically corrected and the corrected data is placed at the
inputs of the Data Output Latch. The syndrome result is placed on the SC outputs and indicates in a coded form
the number of errors and the specific bit-in-error. When HIGH, the Data Output Latch follows the output of the
Data Input Latch as modified by the correction logic network. In Correct Mode, single bit errors are corrected by
the network before being loaded into the Data Output Latch. In Detect Mode, the contents of the Data Input Latch
are passed through the correction network unchanged into the Data Output Latch.
The Data Output Latch is
disabled, with its contents unchanged, if the EDC is in the Generate Mode.
SC0–7
O
Syndrome Check Bit outputs. Eight outputs which hold the check bits and partial check bits when the EDC is in
the Generate Mode and will hold the syndrome/partial syndrome bits when the device is in the Detect or Correct
modes. All are 3-state outputs.
OESC
I
Output Enable—Syndrome Check Bits. In the HIGH condition, the SC outputs are in the high impedance state.
When LOW, all SC output lines are enabled.
ERROR
O
In the Detect or Correct Mode, this output will go LOW if one or more data or check bits contain an error. When
HIGH, no errors have been detected. This pin is forced HIGH in the Generate Mode.
MULT
ERROR
O
In the Detect or Correct Mode, this output will go LOW if two or more bit errors have been detected. A HIGH level
indicates that either one or no errors have been detected. This pin is forced HIGH in the Generate Mode.
CORRECT
I
The correct input which, when HIGH, allows the correction network to correct any single-bit error in the Data Input
Latch (by complementing the bit-in-error) before putting it into the Data Output Latch. When LOW, the device will
drive data directly from the Data Input Latch to the Data Output Latch without correction.
OE BYTE0–3
I
Output Enable—Bytes 0, 1, 2, 3. Data Output Latch. Control the three-state output buffers for each of the four
bytes of the Data Output Latch. When LOW, they enable the output buffer of the Data Output Latch. When HIGH,
they force the Data Output Latch buffer into the high impedance mode. One byte of the Data Output Latch is
easily activated by separately selecting the four enable lines.
DIAG
MODE1,0
I
Select the proper diagnostic mode. They control the initialization, diagnostic and normal operation of the EDC.
CODE ID1,0
I
These two code identification inputs identify the size of the total data word to be processed. The two allowable
data word sizes are 32 and 64 bits and their respective modified Hamming Codes are designated 32/39 and
64/72. Special CODE ID1,0, input 01 is also used to instruct the EDC that the signals CODE ID1,0, DIAG MODE1,0
and CORRECT are to be taken from the Diagnostic Latch rather than from the input control lines.
LEDIAG
I
This is the Latch Enable for the Diagnostic Latch. When HIGH, the Diagnostic Latch follows the 32-bit data on the
input lines. When LOW, the outputs of the Diagnostic Latch are latched to their previous states. The Diagnostic
Latch holds diagnostic check bits and internal control signals for CODE ID1,0, DIAG MODE1,0 and CORRECT.
2584 tbl 01


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn