Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MK74CB217 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part No. MK74CB217
Description  Dual 1 to 8 Buffalo™ Clock Driver
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICST [Integrated Circuit Systems]
Homepage  http://www.icst.com
Logo 

MK74CB217 Datasheet(HTML) 5 Page - Integrated Circuit Systems

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MK74CB217
Dual 1 to 8 Buffalo™ Clock Driver
MDS74CB217A
5
Revision 12299
Printed 2/22/00
IntegratedCircuit Systems, Inc. • 525 Race Street • San Jose •CA •95126•(408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, ICS Incorporated assumes no responsibility for either its use or for the infringement of
any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS
product for use in life support devices or critical medical instruments.
Buffalo is a trademark of ICS Incorporated
Part/Order Number
Marking
Package
Temperature
MK74CB217R
MK74CB217R
28 pin SSOP
0-70 °C
MK74CB217RTR
MK74CB217R
Add Tape & Reel
0-70 °C
b
D
E1
E
e
A1
c
A
28 pin SSOP
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.01
0.10
0.25
b
0.008
0.012
0.20
0.30
c
0.007
0.010
0.19
0.25
D
0.386
0.394
9.80
10.01
E1
0.150
0.157
3.81
3.99
E
0.228
0.244
5.79
6.20
e
.025 BSC
.025 BSC
0.635 BSC
0.635 BSC
L
0.016
0.05
0.41
1.27
L
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC publication no. 95.)


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MK74CB214Dual 1 to 7 Buffalo™ Clock Driver 1 2 3 4 Integrated Circuit Systems
MK74CB218Dual 1 to 8 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
IDT5V99553.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W 1 2 3 4 5 MoreIntegrated Device Technology
MK74CB1151 to 16 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MK74CB1631 to 16 PECL to CMOS Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MC100EP210S2.5V1:5 Dual Differential LVDS Compatible Clock Driver 1 2 3 4 5 MoreON Semiconductor
MC10H643DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER 1 2 3 4 5 ON Semiconductor
MK74CB44Quad 1 to 4 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
CDC208DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ASM2P3805X3.3V CMOS Dual 1-To-5 Clock Driver 1 2 3 4 5 MoreAlliance Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn