Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MK74CB217 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part No. MK74CB217
Description  Dual 1 to 8 Buffalo™ Clock Driver
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICST [Integrated Circuit Systems]
Homepage  http://www.icst.com
Logo 

MK74CB217 Datasheet(HTML) 4 Page - Integrated Circuit Systems

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MK74CB217
Dual 1 to 8 Buffalo™ Clock Driver
MDS74CB217A
4
Revision 12299
Printed 2/22/00
IntegratedCircuit Systems, Inc. • 525 Race Street • San Jose •CA •95126•(408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
300
250
200
150
100
50
0
80
60
40
20
0
Maximum Speed
The maximum speed at which the chip can operate is limited by power dissipation in the package. Graph 1
shows the operating frequency plotted against load capacitance per pin for a die temperature of 125°C. This is
at VDD = 3.3 V, 70°C and with 33
Ω series termination resistors. The termination resistors are essential
because they allow a large proportion of the total power to be dissipated outside the package. Reducing or
eliminating the series termination will cause an increase in die temperature. It is not recommended to operate
the chip at die temperatures greater than 125°C. Also note that the load capacitance per pin must include PC
board parasitics such as trace capacitance.
If not all outputs of the chip are used, it is possible to operate the chip faster with larger loads. Consult ICS for
your specific requirement.
Do not operate in this area.
Load Capacitance/per pin (pF)
Graph 1
MK74CB217
Maximum Speed


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MK74CB214Dual 1 to 7 Buffalo™ Clock Driver 1 2 3 4 Integrated Circuit Systems
MK74CB218Dual 1 to 8 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
IDT5V99553.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W 1 2 3 4 5 MoreIntegrated Device Technology
MK74CB1151 to 16 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MK74CB1631 to 16 PECL to CMOS Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MC100EP210S2.5V1:5 Dual Differential LVDS Compatible Clock Driver 1 2 3 4 5 MoreON Semiconductor
MC10H643DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER 1 2 3 4 5 ON Semiconductor
MK74CB44Quad 1 to 4 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
CDC208DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ASM2P3805X3.3V CMOS Dual 1-To-5 Clock Driver 1 2 3 4 5 MoreAlliance Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn