Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTH10 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # CTH10
Description  Radio Controlled Wall Clock Hygro-Thermometer with Super Large 4.3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

CTH10 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  CTH10_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
CTH10 ..Radio Controlled Wall Clock Hygro-Thermometer
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/16/08 - R1
Features:
Receives Time Code from NIST Radio
Station WWVB (North American region)
Large LCD displays Time, RH%, Temperature,
Year, Month, Date, and Day
Super large 4.3" (109mm) digit clock display
can be viewed from 150 feet (45mm)
Signal indicator displays signal strength in
3 levels to indicate successful synchronization
Automatically adjusts for daylight savings time (DST)
Alarm Clock
Built-in stand for desktop or wall-mount
Complete with built-in stand and four AA batteries
Receives Time Code from NIST Radio Station WWVB
Automatically adjusts year, date, day, hour, minute, second, and DST
Radio Controlled Wall Clock Hygro-Thermometer with
Super Large 4.3" (109mm) Digit Clock Display
Over sized 4.3" (109mm) digit clock display can be viewed from
150ft (45mm). Perfect for desk top or wall mount display.
Specifications
Range
Basic Accuracy
Relative Humidity
20 to 90%
±6%RH
Temperature
23 to 122°F (-5 to 50°C)
±2°F/1°C
Alarm Clock
Yes
Dimensions
16.75 x 11.5 x 1.25" (425.4 x 292.1 x 31.75mm)
Weight
2.75lbs (1.2kg)


Similar Part No. - CTH10_15

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTH10003NS-T52 CTMICRO-CTH10003NS-T52 Datasheet
779Kb / 11P
   N-Channel Enhancement MOSFET
More results

Similar Description - CTH10_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
445702 EXTECH-445702_15 Datasheet
180Kb / 1P
   Hygro-Thermometer Clock
445702 EXTECH-445702 Datasheet
106Kb / 1P
   Hygro-Thermometer Clock
445705 EXTECH-445705 Datasheet
97Kb / 1P
   Hygro-Thermometer Clock
445706 EXTECH-445706_15 Datasheet
188Kb / 1P
   Hygro-Thermometer Alarm Clock
445706 EXTECH-445706 Datasheet
187Kb / 1P
   Hygro-Thermometer Alarm Clock
445810 EXTECH-445810 Datasheet
272Kb / 1P
   Radio Controlled Thermometer Calendar/Clock with Alarm
45320 EXTECH-45320 Datasheet
200Kb / 1P
   Hygro-Thermometer
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
   Hygro-Thermometer InfraRed Thermometer
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
   Hygro-Thermometer InfraRed Thermometer
RH490 EXTECH-RH490 Datasheet
117Kb / 7P
   Precision Hygro-Thermometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com