Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MK74CB214 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part No. MK74CB214
Description  Dual 1 to 7 Buffalo™ Clock Driver
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICST [Integrated Circuit Systems]
Homepage  http://www.icst.com
Logo 

MK74CB214 Datasheet(HTML) 2 Page - Integrated Circuit Systems

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK74CB214
Dual 1 to 7 Buffalo™ Clock Driver
MDS 74CB214 B
2
Revision 051396
Printed 11/16/00
MicroClock Incorporated•1171 North Fourth St.•San Jose•CA•95112•(408)295-9800tel•(408)295-9818fax
Number
Name
Type
Description
1
INA
I
Clock input for seven A outputs.
2, 3
QA0, QA1
O
Clock A outputs.
4
VDDA
P
Power supply for seven A buffers. Connect to +3.3V or +5V. Clock amplitude will match.
5, 6
QA2, QA3
O
Clock A outputs.
7
GNDA
P
Connect to ground.
8, 9, 10
QA4, QA5, QA6
O
Clock A outputs.
11, 12, 13 QB6, QB5, QB4
O
Clock B outputs.
14
GNDB
P
Connect to ground.
15, 16
QB3, QB2
O
Clock B outputs.
17
VDDB
P
Power supply for seven B buffers. Connect to +3.3V or +5V. Clock amplitude will match.
18, 19
QB1, QB0
O
Clock B outputs.
20
INB
I
Clock input for sevent B outputs.
Pin Descriptions
Type: I = Input, O = output, P = power supply connection
Pin Assignment
Suggested Layout
V
For simplicity, terminating resistors (if needed) are not
shown for the outputs, but should be placed as close to the
device as possible. It is most critical to have the 0.1µF
decoupling capacitors closest.
V = connect to VDD
= connect to GND
G
0.1µF
0.1µF
1
8
9
2
3
4
5
6
7
10
11
12
13
14
QA0
QA1
QA2
QA3
QA4
QA5
QA6
INA
GNDA
VDDA
QB0
QB1
QB2
QB3
QB4
QB5
QB6
INB
GNDB
VDDB
16
15
17
18
19
20
V
G
G


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MK74CB217Dual 1 to 8 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MK74CB218Dual 1 to 8 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
IDT5V99553.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W 1 2 3 4 5 MoreIntegrated Device Technology
MK74CB1151 to 16 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MK74CB1631 to 16 PECL to CMOS Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MC100EP210S2.5V1:5 Dual Differential LVDS Compatible Clock Driver 1 2 3 4 5 MoreON Semiconductor
MC10H643DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER 1 2 3 4 5 ON Semiconductor
MK74CB44Quad 1 to 4 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
CDC208DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ASM2P3805X3.3V CMOS Dual 1-To-5 Clock Driver 1 2 3 4 5 MoreAlliance Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn