Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MK74CB115 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part No. MK74CB115
Description  1 to 16 Buffalo™ Clock Driver
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICST [Integrated Circuit Systems]
Homepage  http://www.icst.com
Logo 

MK74CB115 Datasheet(HTML) 5 Page - Integrated Circuit Systems

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MK74CB115
1 to 16 Buffalo™ Clock Driver
MDS 74CB115 D
5
Revision 020800
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race St. • San Jose • CA • 95126 • (408) 295-9800tel • www.icst.com
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, ICS Incorporated assumes no responsibility for either its use or for the infringement of
any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS
product for use in life support devices or critical medical instruments.
Buffalo is a trademark of ICS Incorporated
Part/Order Number
Marking
Package
Temperature
MK74CB115R
MK74CB115R
28 pin SSOP
0-70°C
MK74CB115RTR
MK74CB115R
Add Tape & Reel
0-70°C
28 pin SSOP
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.102
0.254
b
0.008
0.012
0.203
0.305
c
0.007
0.010
0.191
0.254
D
0.386
0.394
9.804
10.008
e
.025 BSC
.025 BSC
0.635 BSC
0.635 BSC
E
0.228
0.244
5.791
6.198
E1
0.150
0.157
3.810
3.988
L
0.016
0.050
0.406
1.270
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
b
D
E1
E
e
A1
c
A
L
INDEX
AREA
1
2


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MK74CB1631 to 16 PECL to CMOS Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MK74CB214Dual 1 to 7 Buffalo™ Clock Driver 1 2 3 4 Integrated Circuit Systems
MK74CB217Dual 1 to 8 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MK74CB218Dual 1 to 8 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MK74CB44Quad 1 to 4 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MPC953LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MC100LVE222Low Voltage 1:15 Differential ÷1÷2 ECL/PECL Clock Driver 1 2 3 4 5 MoreON Semiconductor
PCK205770 - 190 MHz I2C differential 1:10 clock driver 1 2 3 4 5 MoreNXP Semiconductors
SSTL1687714-bit SSTL_2 registered driver with differential clock inputs 1 2 3 4 5 MoreNXP Semiconductors
CDC2510C3.3-V PHASE-LOCK LOOP CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn