Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MK74CB115 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part No. MK74CB115
Description  1 to 16 Buffalo™ Clock Driver
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICST [Integrated Circuit Systems]
Homepage  http://www.icst.com
Logo 

MK74CB115 Datasheet(HTML) 4 Page - Integrated Circuit Systems

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MK74CB115
1 to 16 Buffalo™ Clock Driver
MDS 74CB115 D
4
Revision 020800
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race St. • San Jose • CA • 95126 • (408) 295-9800tel • www.icst.com
Maximum Speed/Application Notes
The maximum speed at which the chip can operate is limited by power dissipation of the package. Graph 1
shows the operating frequency plotted against load capacitance per pin for a die temperature of 125°C. This is
at VDD = 3.3 V, 70°C and with 33
Ω series termination resistor. The termination resistors are essential
because they allow a large proportion of the total power to be dissipated outside the package. Reducing or
eliminating the series termination will cause an increase in die temperature. It is not recommended to operate
the chip at die temperature greater than 125°C. Also note that the load capacitance per pin must include PC
board parasitics such as trace capacitance. ICS has other buffers specified to 250 MHz with heavier loads.
If not all outputs of the chip are used, it is possible to operate the chip faster with larger loads. Unused outputs
should be left unconnected. Consult ICS for your specific requirement.
300
250
200
150
100
50
0
80
60
40
20
0
Do not operate in this area .
Load Capacitance/per pin (pF), all 16 outputs loaded
Graph 1
MK74CB115
Maximum Speed at 3.3 V


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MK74CB1631 to 16 PECL to CMOS Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MK74CB214Dual 1 to 7 Buffalo™ Clock Driver 1 2 3 4 Integrated Circuit Systems
MK74CB217Dual 1 to 8 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MK74CB218Dual 1 to 8 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MK74CB44Quad 1 to 4 Buffalo™ Clock Driver 1 2 3 4 5 Integrated Circuit Systems
MPC953LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MC100LVE222Low Voltage 1:15 Differential ÷1÷2 ECL/PECL Clock Driver 1 2 3 4 5 MoreON Semiconductor
PCK205770 - 190 MHz I2C differential 1:10 clock driver 1 2 3 4 5 MoreNXP Semiconductors
SSTL1687714-bit SSTL_2 registered driver with differential clock inputs 1 2 3 4 5 MoreNXP Semiconductors
CDC2510C3.3-V PHASE-LOCK LOOP CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn