Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK3711A Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # MK3711A
Description  LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3711A Datasheet(HTML) 5 Page - Integrated Circuit Systems

  MK3711A Datasheet HTML 1Page - Integrated Circuit Systems MK3711A Datasheet HTML 2Page - Integrated Circuit Systems MK3711A Datasheet HTML 3Page - Integrated Circuit Systems MK3711A Datasheet HTML 4Page - Integrated Circuit Systems MK3711A Datasheet HTML 5Page - Integrated Circuit Systems MK3711A Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
MDS 3711 F
5
Revision 070301
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
MK3711
DC Electrical Characteristics
VDD=3.3V ±5% , Ambient temperature 0 to +70
°C, unless stated otherwise
AC Electrical Characteristics
VDD = 3.3V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Note 1: External crystal device must conform with Pullable Crystal Specifications listed on page 3.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
3.45
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Output High Voltage (CMOS
Level)
VOH
IOH = -4 mA
VDD-0.4
V
Operating Supply Current
IDD
Output = 12 MHz,
no load
7mA
Short Circuit Current
IOS
±50
mA
VIN, VCXO Control Voltage
VIA
03.3
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Frequency
MK3711D and
MK3711B
FO
816
MHz
MK3711A and
MK3711S
FO
VCXO Crystal frequency =
12 MHz
12
MHz
Crystal Pullability
MK3711D and
MK3711B
FP
0V< VIN < 3.3V, Note 1
+ 115
ppm
MK3711A and
MK3711S
FP
0V< VIN < 3.3V, Note 1
+ 100
ppm
VCXO Gain
MK3711D
VIN = VDD/2 + 1V, Note 1
120
ppm/V
MK3711B
VIN = VDD/2 + 1V, Note 1
150
ppm/V
MK3711A
VIN = VDD/2 + 1V, Note 1
170
ppm/V
MK3711S
VIN = VDD/2 + 1V, Note 1
100
ppm/V
Output Rise Time
tOR
0.8 to 2.0V, CL=15pF
1.5
ns
Output Fall Time
tOF
2.0 to 0.8V, CL=15pF
1.5
ns
Output Clock Duty Cycle
tD
Measured at 1.4V, CL=15pF
40
50
60
%
Maximum Output Jitter,
short term
tJ
CL=15pF
100
ps


Similar Part No. - MK3711A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
   LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
More results

Similar Description - MK3711A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
   LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
logo
Integrated Circuit Syst...
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
   LOW COST 27 MHZ 3.3 VOLT VCXO
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
   Low Cost 54 MHz 3.3 Volt VCXO
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
   LOW COST 27 MHZ 3.3 VOLT VCXO
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
   LOW COST 54 MHZ 3.3 VOLT VCXO
072805
logo
Integrated Circuit Syst...
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
   LOW COST 3.3 VOLT VCXO
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
   LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com