Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBL400 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # KBL400
Description  High case dielectric strength
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

KBL400 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  KBL400_10 Datasheet HTML 1Page - Bruckewell Technology LTD KBL400_10 Datasheet HTML 2Page - Bruckewell Technology LTD KBL400_10 Datasheet HTML 3Page - Bruckewell Technology LTD KBL400_10 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBL400_10
PRV : 50 - 1000 Volts
Io : 4.0 Amperes
Publication Order Number: [KBL400_10]
© Bruckewell Technology Corporation Rev. A -2014
■RATING AND CHARACTERISTIC CURVES ( KBL400 - KBL410 )
FIG.1 - DERATING CURVE FOR OUTPUT
RECTIFIED CURRENT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
PER DIODE
FIG.4 - TYPICAL REVERSE CHARACTERISTICS


Similar Part No. - KBL400_10

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBL400 PFS-KBL400_1 Datasheet
194Kb / 2P
   High current capability
logo
First Components Intern...
KBL400 FCI-KBL400_1 Datasheet
73Kb / 1P
   4.0 Amp SINGLE PHASE SILICON BRIDGE COMPACT SIZE
More results

Similar Description - KBL400_10

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
KBP200-KBP210 BWTECH-KBP200-KBP210 Datasheet
331Kb / 4P
   High case dielectric strength
logo
HY ELECTRONIC CORP.
D6KB6L HY-D6KB6L Datasheet
52Kb / 2P
   High case dielectric strength
logo
GeneSiC Semiconductor, ...
GBL04 GENESIC-GBL04 Datasheet
352Kb / 3P
   High case dielectric strength
logo
First Silicon Co., Ltd
GBJ6A FS-GBJ6A Datasheet
247Kb / 2P
   High case dielectric strength of 2500 V
logo
American Zettler, Inc.
AZ2150W AZETTLER-AZ2150W Datasheet
441Kb / 2P
   High dielectric strength version available
logo
List of Unclassifed Man...
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
   Exceptional dielectric strength
logo
Hongfa Technology
HFD3-V HONGFA-HFD3-V_17 Datasheet
197Kb / 5P
   3kV dielectric strength
HFD4-V HONGFA-HFD4-V Datasheet
777Kb / 5P
   SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
logo
List of Unclassifed Man...
BP-LMS-500P ETC2-BP-LMS-500P Datasheet
442Kb / 2P
   Polyimide film provides high dielectric strength
logo
American Zettler, Inc.
AZ733WC AZETTLER-AZ733WC Datasheet
237Kb / 2P
   Dielectric strength 5000 Vrms
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com