Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-9130V-1T1RG_2015 Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPS-9130V-1T1RG_2015
Description  3 Gb/s Medium Power Optical SM Transmitter/Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9130V-1T1RG_2015 Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPS-9130V-1T1RG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-9130V-1T1RG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-9130V-1T1RG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-9130V-1T1RG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-9130V-1T1RG_2015 Datasheet HTML 5Page - Optoway Technology Inc SPS-9130V-1T1RG_2015 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Optoway
SPS-9130V-1T1RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2009 V1.0
2
ABSOLUTE MAXIMUM RATINGS
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Tc
-20
85
oC
Power Supply Voltage
Vcc
0
4
V
ESD Tolerance on all pins
1
KV HBM
Relative Humidity
---
5
95
% RH
non-condensing
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Tc
0
70
oC
Baud Rate
50
3000
Mb/s
Power Supply Current
Icc
200
300
mA
Transmitter Specifications (0
oC < Tc < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
-5
-2
0
dBm
1
Output Center Wavelength
λ
1260
1310
1360
nm
Output Spectrum Width
∆λ
---
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
5
7.5
dB
Relative Intensity Noise
RIN
-120
dB/Hz
135
ps
2, SMPTE 424M
270
ps
2, SMPTE 292M
800
ps
2, SMPTE 344M
Optical Rise Time / Fall Time
tr / tf
1.5
ns
2, SMPTE 259M
Electrical
Differential Input Voltage
VIH - VIL
200
1200
mVp-p
AC coupled input
Disable Input Voltage -- Low
VTDIS,L
0
0.8
V
TX Output Enabled
Disable Input Voltage -- High
VTDIS,H
2.0
Vcc+0.3
V
TX Ouput Disabled
Output TX_Fault -- Low
VOL
0
0.5
V
Output TX_Fault -- High
VOH
2.5
Vcc+0.3
V
VOH
2.5
Vcc+0.3
V
SCL, SDA
VOL
0
0.5
V
1.
Output power is power coupled into a 9/125
µm single mode fiber.
2.
20% to 80%, unfiltered.
Receiver Specifications (0
oC < Tc < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Wavelength of Operation
1260
---
1620
nm
0
---
-18
dBm
Pathological
Sensitivity for SMPTE 424M
2.97 Gb/s
Sen
0
-20
dBm
PRBS 2
23-1, BER=1E-12
0
---
-20
dBm
Pathological
Sensitivity for SMPTE 292M
1.485 Gb/s
Sen
0
-21
dBm
PRBS 2
23-1, BER=1E-12
Signal Detect -- Asserted
Pa
---
---
-20
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-29
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1
6
dB


Similar Part No. - SPS-9130V-1T1RG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9130V-1T1RG OPTOWAY-SPS-9130V-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
More results

Similar Description - SPS-9130V-1T1RG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9350V-1T1RG OPTOWAY-SPS-9350V-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-9130V-1T1RG OPTOWAY-SPS-9130V-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-9380V-1T1RG OPTOWAY-SPS-9380V-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-9110V-1T1RG_2015 OPTOWAY-SPS-9110V-1T1RG_2015 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-9110V-1T1RG OPTOWAY-SPS-9110V-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-9380V-1T1RG_2015 OPTOWAY-SPS-9380V-1T1RG_2015 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-9350V-1T1RG_2015 OPTOWAY-SPS-9350V-1T1RG_2015 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-7110V-1T1RG_2015 OPTOWAY-SPS-7110V-1T1RG_2015 Datasheet
146Kb / 6P
   1.5 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-7110V-1T1RG OPTOWAY-SPS-7110V-1T1RG_15 Datasheet
146Kb / 6P
   1.5 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-9310VW-CXX1RG_2015 OPTOWAY-SPS-9310VW-CXX1RG_2015 Datasheet
151Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com