Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP85 Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # 5KP85
Description  5000W Peak Pulse Power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

5KP85 Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  5KP85 Datasheet HTML 1Page - Bruckewell Technology LTD 5KP85 Datasheet HTML 2Page - Bruckewell Technology LTD 5KP85 Datasheet HTML 3Page - Bruckewell Technology LTD 5KP85 Datasheet HTML 4Page - Bruckewell Technology LTD 5KP85 Datasheet HTML 5Page - Bruckewell Technology LTD 5KP85 Datasheet HTML 6Page - Bruckewell Technology LTD 5KP85 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5KP_A
VRM : 5.0 - 180 Volts
PPK : 5000 Watts
Publication Order Number: [SZ303D - SZ30D0]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type
Breakdown Voltage @ IT
(Note 1)
Reverse
Stand off
Voltage
Maximum
Reverse
Leakage @
VRM
Maximum
Peak Pulse
Current
(Note2)
Maximum
Clamping
Voltage @
IPPM
Maximum
Temperature
Coefficient
of VBR
(%/°C)
VBR(V)
IT
VRM
IR
IPPM
VC
Min
Max
(mA)
(V)
(
μA)
(A)
(V)
5KP51
56.7
69.3
5.0
51
10
55
91.1
0.107
5KP51A
56.7
62.7
5.0
51
10
61
82.4
0.107
5KP54
60.0
73.3
5.0
54
10
52
96.3
0.107
5KP54A
60.0
66.3
5.0
54
10
57
87.1
0.107
5KP56
62.2
76.1
5.0
56
10
50
100
0.107
5KP56A
62.2
68.8
5.0
56
10
55
91
0.107
5KP58
64.4
78.7
5.0
58
10
49
103
0.107
5KP58A
64.4
71.2
5.0
58
10
53
94
0.107
5KP60
66.7
81.5
5.0
60
10
47
107
0.108
5KP60A
66.7
73.7
5.0
60
10
52
97
0.108
5KP64
71.1
96.9
5.0
64
10
44
114
0.108
5KP64A
71.1
78.6
5.0
64
10
49
103
0.108
5KP70
77.6
95.1
5.0
70
10
40
125
0.108
5KP70A
77.6
86.0
5.0
70
10
44
113
0.108
5KP75
83.3
102
5.0
75
10
37
134
0.108
5KP75A
83.3
92.1
5.0
75
10
41
121
0.108
5KP78
86.7
106
5.0
78
10
36
139
0.108
5KP78A
86.7
95.8
5.0
78
10
40
126
0.108
5KP85
94.4
115
5.0
85
10
33
151
0.108
5KP85A
94.4
104
5.0
85
10
36
137
0.110
5KP90
100
122
5.0
90
10
31
160
0.110
5KP90A
100
111
5.0
90
10
34
146
0.110
5KP100
111
136
5.0
100
10
28
179
0.110
5KP100A
111
123
5.0
100
10
31
162
0.110
5KP110
122
149
5.0
110
10
26
196
0.112
5KP110A
122
135
5.0
110
10
28
177
0.112
5KP120
133
163
5.0
120
10
24
211
0.112
5KP120A
133
147
5.0
120
10
26
194
0.112
5KP150
167
204
5.0
150
10
19
263
0.112


Similar Part No. - 5KP85

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP85 SURGE-5KP85 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP85 LUGUANG-5KP85 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP85 BILIN-5KP85 Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP85 LUGUANG-5KP85 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Yangzhou yangjie electr...
5KP85 YANGJIE-5KP85 Datasheet
185Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 5KP85

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Surge Components
SES5VD923-2U SURGE-SES5VD923-2U Datasheet
317Kb / 6P
   100 Watts peak pulse power
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
   350 Watts peak pulse power
logo
Shanghai Semitech Semic...
P6KE440CA SEMITECH-P6KE440CA Datasheet
280Kb / 5P
   600W Peak Pulse Power Dissipation
logo
Nanjing International G...
ES5VD923 DGNJDZ-ES5VD923 Datasheet
677Kb / 4P
   100 Watts peak pulse power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com