Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2771-13STR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK2771-13STR
Description  VCXO and Set-Top Clock Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2771-13STR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK2771-13STR Datasheet HTML 1Page - Integrated Circuit Systems MK2771-13STR Datasheet HTML 2Page - Integrated Circuit Systems MK2771-13STR Datasheet HTML 3Page - Integrated Circuit Systems MK2771-13STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK2771-13
VCXO and Set-Top Clock Source
MDS 2771-13 A
2
Revision 110298
Printed 11/16/00
Integrated Circuit Systems • 525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
Pin Descriptions
Key: I = Input, TI = Tri-level input, O = output, P = power supply connection
Pin Assignment
Number
Name
Type
Description
1
PCS0
I
Processor Clock Select 0. Selects PCLK on pin 8. See table above.
2
X2
XO
Crystal connection. Connect to a pullable 13.5 MHz crystal.
3
X1
XI
Crystal connection. Connect to a pullable 13.5 MHz crystal.
4, 6, 15
VDD
P
Connect to +5V.
5
VIN
I
Voltage Input to VCXO. Zero to 3V signal which controls the frequency of the VCXO.
7, 14, 17
GND
P
Connect to ground.
8
PCLK
O
Processor clock output determined by status of PCS1,0. See table above.
9
BCLK
O
33.33MHz or 24.576 MHz Bus Clock output. See table above.
10
ACLK
O
Audio clock output determined by status of ACS1,0. See table above.
11
13.5M
O
13.5 MHz clock output. Divide by two of the 27MHz VCXO output.
12
PCS1
TI
Processor Clock Select 1. Selects PCLK on pin 8. See table above.
13
27M
O
27.00 MHz VCXO clock output.
16
27M
O
27.00 MHz VCXO clock output.
18
BCS
P
Bus Clock Select . Selects BCLK on pin 9. See table above.
19
ACS0
I
Audio Clock Select 0. Selects ACLK on pin 10. See table above.
20
ACS1
I
Audio Clock Select 1. Selects ACLK on pin 10. See table above.
1
16
2
3
4
15
14
13
VDD
GND
X2
VDD
GND
5
6
7
8
12
11
10
9
BCLK
ACS0
X1
PCS0
27M
27M
13.5M
ACLK
PCLK
PCS1
PCS0
PCLK (MHz)
0
0
50.000
0
1
16.667
M
0
25.000
M
1
32.000
1
0
40.000
1
1
20.000
18
17
19
20
VIN
VDD
PCS1
GND
Processor Clock Select Table
Audio Clock Table
0 = connect directly to ground, 1 = connect directly
to VDD, M = leave floating or unconnected
ACS1 ACS0 ACLK (MHz)
0
0
8.192
0
1
11.2896
1
0
12.288
1
1
5.6448
BCS
ACS1
BCS
BCLK (MHz)
0
33.333
1
24.576
Bus Clock Table


Similar Part No. - MK2771-13STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-12S ICST-MK2771-12S Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-12STR ICST-MK2771-12STR Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
More results

Similar Description - MK2771-13STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
   VCXO and Set-Top Clock Source
102704
MK3771-17 RENESAS-MK3771-17 Datasheet
389Kb / 10P
   VCXO AND HDTV SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK3771-17 ICST-MK3771-17 Datasheet
182Kb / 8P
   VCXO and HDTV Set-Top Clock Source
logo
Renesas Technology Corp
MK2761A RENESAS-MK2761A Datasheet
343Kb / 8P
   SET-TOP CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com