Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP48 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # 5KP48
Description  5000W Peak Pulse Power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

5KP48 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  5KP48 Datasheet HTML 1Page - Bruckewell Technology LTD 5KP48 Datasheet HTML 2Page - Bruckewell Technology LTD 5KP48 Datasheet HTML 3Page - Bruckewell Technology LTD 5KP48 Datasheet HTML 4Page - Bruckewell Technology LTD 5KP48 Datasheet HTML 5Page - Bruckewell Technology LTD 5KP48 Datasheet HTML 6Page - Bruckewell Technology LTD 5KP48 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5KP_A
VRM : 5.0 - 180 Volts
PPK : 5000 Watts
Publication Order Number: [SZ303D - SZ30D0]
© Bruckewell Technology Corporation Rev. A -2014
Features
• 5000W Peak Pulse Power
• Excellent clamping capability
• Low incremental surge resistance
• Fast response time : typically less then 1.0 ps from 0
volt to VBR(min)
• Typical IR less then
1μA above 10V
• RoHS compliant package
Mechanical Data
• Case : Void-free molded plastic body
• Epoxy : UL94V-0 rate flame retardant
• Lead :
Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
• Polarity : Color band denotes cathode end
• Mounting position : Any
• Weight : 2.1 gram
Packing & Order Information
500/T
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
Symbol
Parameter
Value
Unit
PPK
Peak Pulse Power Dissipation at tp=1 ms (Note1,Fig. 4)
Minimum 500
W
PD
Steady State Power Dissipation at TL=75°C
Lead Lengths 0.375
” , (9.5mm) (Fig. 2)
8.0
W
IFSM
Peak Forward Surge Current, 8.3 ms single half
Sine-Wave Superimposed on Rated Load
(JEDEC Method) (Note3)
400
A
TJ,Tstg
Operating Junction and Storage Temperature Range
- 55 to + 150
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 °C per Fig. 1
(2) Mounted on Copper Leaf of 0.79 in
2 (20mm2)
(3) Measured on 8.3 ms , single half sine-wave or equivalent square wave, duty cycle=4 pulses per minutes
maximum.


Similar Part No. - 5KP48

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP48 SURGE-5KP48 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP48 LUGUANG-5KP48 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP48 LUGUANG-5KP48 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP48 BILIN-5KP48 Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
5KP48 YFWDIODE-5KP48 Datasheet
864Kb / 6P
   Transient voltage suppressor power 5000 watts
More results

Similar Description - 5KP48

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Surge Components
SES5VD923-2U SURGE-SES5VD923-2U Datasheet
317Kb / 6P
   100 Watts peak pulse power
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
   350 Watts peak pulse power
logo
Shanghai Semitech Semic...
P6KE440CA SEMITECH-P6KE440CA Datasheet
280Kb / 5P
   600W Peak Pulse Power Dissipation
logo
Nanjing International G...
ES5VD923 DGNJDZ-ES5VD923 Datasheet
677Kb / 4P
   100 Watts peak pulse power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com