Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2771-12STR Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK2771-12STR
Description  VCXO and Set-Top Clock Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2771-12STR Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK2771-12STR Datasheet HTML 1Page - Integrated Circuit Systems MK2771-12STR Datasheet HTML 2Page - Integrated Circuit Systems MK2771-12STR Datasheet HTML 3Page - Integrated Circuit Systems MK2771-12STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MK2771-12
VCXO and Set-Top Clock Source
MDS 2771-12 A
4
Revision 061699
Printed 11/16/00
MicroClock Division of ICS • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Inc. (ICS) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental
requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize
or warrant any ICS product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
MK2771-12S
MK2771-12S
tubes
20 pin SOIC
0-70°C
MK2771-12STR
MK2771-12S
tape and reel
20 pin SOIC
0-70°C
b
D
E
H
e
Q
c
h x 45°
A
20 pin SOIC
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.092
0.104
2.3368
2.6416
b
0.014
0.019
0.356
0.483
c
0.009
0.012
0.229
0.305
D
0.490
0.512
12.446
13.005
E
0.290
0.300
7.366
7.620
H
0.394
0.419
10.008
10.643
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.016
0.406
L
0.016
0.035
0.406
0.889
Q
0.003
0.011
0.076
0.279
L


Similar Part No. - MK2771-12STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-13S ICST-MK2771-13S Datasheet
62Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-13STR ICST-MK2771-13STR Datasheet
62Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
More results

Similar Description - MK2771-12STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
   VCXO and Set-Top Clock Source
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
   VCXO and Set-Top Clock Source
102704
MK3771-17 RENESAS-MK3771-17 Datasheet
389Kb / 10P
   VCXO AND HDTV SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK3771-17 ICST-MK3771-17 Datasheet
182Kb / 8P
   VCXO and HDTV Set-Top Clock Source
logo
Renesas Technology Corp
MK2761A RENESAS-MK2761A Datasheet
343Kb / 8P
   SET-TOP CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com