Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2771-13 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK2771-13
Description  VCXO and Set-Top Clock Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2771-13 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK2771-13 Datasheet HTML 1Page - Integrated Circuit Systems MK2771-13 Datasheet HTML 2Page - Integrated Circuit Systems MK2771-13 Datasheet HTML 3Page - Integrated Circuit Systems MK2771-13 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK2771-13
VCXO and Set-Top Clock Source
MDS 2771-13 A
3
Revision 110298
Printed 11/16/00
Integrated Circuit Systems • 525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0V unless noted)
DC CHARACTERISTICS (VDD = 5.0V unless noted)
Operating Voltage, VDD
4.75
5.25
V
Input High Voltage, VIH, X1 pin only
3.5
2.5
V
Input Low Voltage, VIL, X1 pin only
2.5
1.5
V
Input High Voltage, VIH (except PCS1)
2
V
Input Low Voltage, VIL (except PCS1)
0.8
V
Input High Voltage, VIH, PCS1 only
VDD-0.5
V
Input Low Voltage, VIL, PCS1 only
0.5
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-8mA
VDD-0.4
V
Operating Supply Current, IDD
No Load, note 2
60
mA
Short Circuit Current
Each output
±100
mA
Input Capacitance
7
pF
Frequency synthesis error
All clocks
0
ppm
VIN, VCXO control voltage
0
3
V
AC CHARACTERISTICS (VDD = 5.0V unless noted)
AC CHARACTERISTICS (VDD = 5.0V unless noted)
Input Frequency
13.500000
MHz
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At 1.4V
40
60
%
Maximum Absolute Jitter, short term
200
ps
Skew of 27 MHz outputs
Rising edges at 1.4V
-500
0
500
ps
27 MHz output pullability, note 3
0V
≤ VIN ≤ 3V
±100
ppm
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. With PCLK at 50 MHz.
3. With a pullable crystal that conforms to ICS’ specifications
External Components
The MK2771-13 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.1µF should be connected between VDD and GND on pins 4 and 7, 6 and 7, and 15 and
14, as close to the MK2771-13 as possible. A series termination resistor of 33
Ω may be used for each clock
output.The 13.500 MHz crystal must be connected as close to the chip as possible. The crystal should be a
parallel mode, pullable, with load capacitance of 14pF. Consult MicroClock for recommended suppliers.
See MAN05 for recommended layout of the chip and external components.


Similar Part No. - MK2771-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-12S ICST-MK2771-12S Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-12STR ICST-MK2771-12STR Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
More results

Similar Description - MK2771-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
   VCXO and Set-Top Clock Source
102704
MK3771-17 RENESAS-MK3771-17 Datasheet
389Kb / 10P
   VCXO AND HDTV SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK3771-17 ICST-MK3771-17 Datasheet
182Kb / 8P
   VCXO and HDTV Set-Top Clock Source
logo
Renesas Technology Corp
MK2761A RENESAS-MK2761A Datasheet
343Kb / 8P
   SET-TOP CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com