Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX52-16 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # BCX52-16
Description  PNP Silicon AF Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BCX52-16 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  BCX52-16 Datasheet HTML 1Page - Bruckewell Technology LTD BCX52-16 Datasheet HTML 2Page - Bruckewell Technology LTD BCX52-16 Datasheet HTML 3Page - Bruckewell Technology LTD BCX52-16 Datasheet HTML 4Page - Bruckewell Technology LTD BCX52-16 Datasheet HTML 5Page - Bruckewell Technology LTD BCX52-16 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BCX51-BCX53
PNP Silicon AF Transistors
Publication Order Number: [BCX51-BCX53]
© Bruckewell Technology Corporation Rev. A -2014
DC CHARACTERISTICS
Symbol
Parameter
MIN
TYP
MAX
UNIT
HFE
(IC = 500 mA, VCE = 2 V)
BCX51
25
BCX52
25
BCX53
25
VCE(sat)
Collector-Emitter Saturation Voltage
(IC = 500 mA, IB = 50 mA)
0.5
V
VBE(on)
Base-Emitter Voltag
(IC = 500 mA, VCE = 2 V)
1.0
V
AC CHARACTERISTICS
Symbol
Parameter
MIN
TYP
MAX
UNIT
fT
Current-Gain-Bandwidth Product
(Ic= -10mAdc,VCE= -5.0Vdc,f=100MHz)
125
MHz
AC CHARACTERISTICS
Type
Marking
Pin Configuration
Package
BCX51
AA
1=B
2=C
3=E
SOT89
BCX51-10
AC
1=B
2=C
3=E
SOT89
BCX51-16
AD
1=B
2=C
3=E
SOT89
BCX52
AE
1=B
2=C
3=E
SOT89
BCX52-10
AG
1=B
2=C
3=E
SOT89
BCX52-16
AM
1=B
2=C
3=E
SOT89
BCX53
AH
1=B
2=C
3=E
SOT89
BCX53-10
AK
1=B
2=C
3=E
SOT89
BCX53-16
AL
1=B
2=C
3=E
SOT89


Similar Part No. - BCX52-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX52-16 PHILIPS-BCX52-16 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Shanghai Leiditech Elec...
BCX52-16 LEIDITECH-BCX52-16 Datasheet
414Kb / 5P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX52-16 SIEMENS-BCX52-16 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Rectron Semiconductor
BCX52-16 RECTRON-BCX52-16 Datasheet
265Kb / 6P
   TRANSISTOR (PNP)
logo
Infineon Technologies A...
BCX52-16 INFINEON-BCX52-16 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

Similar Description - BCX52-16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com